Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 95Page - Texas Instruments TMS320F2811 Datasheet HTML 96Page - Texas Instruments TMS320F2811 Datasheet HTML 97Page - Texas Instruments TMS320F2811 Datasheet HTML 98Page - Texas Instruments TMS320F2811 Datasheet HTML 99Page - Texas Instruments TMS320F2811 Datasheet HTML 100Page - Texas Instruments TMS320F2811 Datasheet HTML 101Page - Texas Instruments TMS320F2811 Datasheet HTML 102Page - Texas Instruments TMS320F2811 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 170 page
background image
0.4 V (V
)
OL
2.4 V (V
)
OH
0.8 V (V )
IL
2.0 V (V )
IH
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.9
Signal Transition Levels
Note that some of the signals use different reference voltages, see the recommended operating conditions
table. Output levels are driven to a minimum logic-high level of 2.4 V and to a maximum logic-low level of
0.4 V.
Figure 6-7 shows output levels.
Figure 6-7. Output Levels
Output transition times are specified as follows:
•
For a high-to-low transition, the level at which the output is said to be no longer high is below VOH(MIN)
and the level at which the output is said to be low is VOL(MAX) and lower.
•
For a low-to-high transition, the level at which the output is said to be no longer low is above VOL(MAX)
and the level at which the output is said to be high is VOH(MIN) and higher.
Figure 6-8 shows the input levels.
Figure 6-8. Input Levels
Input transition times are specified as follows:
•
For a high-to-low transition on an input signal, the level at which the input is said to be no longer high
is below VIH(MIN) and the level at which the input is said to be low is VIL(MAX) and lower.
•
For a low-to-high transition on an input signal, the level at which the input is said to be no longer low is
above VIL(MAX) and the level at which the input is said to be high is VIH(MIN) and higher.
NOTE
See the individual timing diagrams for levels used for testing timing parameters.
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
99
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com