Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 7Page - Texas Instruments TMS320F2811 Datasheet HTML 8Page - Texas Instruments TMS320F2811 Datasheet HTML 9Page - Texas Instruments TMS320F2811 Datasheet HTML 10Page - Texas Instruments TMS320F2811 Datasheet HTML 11Page - Texas Instruments TMS320F2811 Datasheet HTML 12Page - Texas Instruments TMS320F2811 Datasheet HTML 13Page - Texas Instruments TMS320F2811 Datasheet HTML 14Page - Texas Instruments TMS320F2811 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Digital Signal Processors
Check for Samples: TMS320F2810, TMS320F2811, TMS320F2812, TMS320C2810, TMS320C2811, TMS320C2812
1
TMS320F281x, TMS320C281x DSPs
1.1
Features
1234
• High-Performance Static CMOS Technology
• Clock and System Control
– 150 MHz (6.67-ns Cycle Time)
– Dynamic PLL Ratio Changes Supported
– Low-Power (1.8-V Core @135 MHz,
– On-Chip Oscillator
1.9-V Core @150 MHz, 3.3-V I/O) Design
– Watchdog Timer Module
• JTAG Boundary Scan Support(1)
• Three External Interrupts
• High-Performance 32-Bit CPU ( TMS320C28x™)
• Peripheral Interrupt Expansion (PIE) Block That
– 16 x 16 and 32 x 32 MAC Operations
Supports 45 Peripheral Interrupts
– 16 x 16 Dual MAC
• Three 32-Bit CPU-Timers
– Harvard Bus Architecture
• 128-Bit Security Key/Lock
– Atomic Operations
– Protects Flash/ROM/OTP and L0/L1 SARAM
– Fast Interrupt Response and Processing
– Prevents Firmware Reverse-Engineering
– Unified Memory Programming Model
• Motor Control Peripherals
– 4M Linear Program/Data Address Reach
– Two Event Managers (EVA, EVB)
– Code-Efficient (in C/C++ and Assembly)
– Compatible to 240xA Devices
– TMS320F24x/LF240x Processor Source Code
• Serial Port Peripherals
Compatible
– Serial Peripheral Interface (SPI)
• On-Chip Memory
– Two Serial Communications Interfaces
– Flash Devices: Up to 128K x 16 Flash
(SCIs), Standard UART
(Four 8K x 16 and Six 16K x 16 Sectors)
– Enhanced Controller Area Network (eCAN)
– ROM Devices: Up to 128K x 16 ROM
– Multichannel Buffered Serial Port (McBSP)
– 1K x 16 OTP ROM
• 12-Bit ADC, 16 Channels
– L0 and L1: 2 Blocks of 4K x 16 Each
– 2 x 8 Channel Input Multiplexer
Single-Access RAM (SARAM)
– Two Sample-and-Hold
– H0: 1 Block of 8K x 16 SARAM
– Single/Simultaneous Conversions
– M0 and M1: 2 Blocks of 1K x 16 Each
– Fast Conversion Rate: 80 ns/12.5 MSPS
SARAM
• Up to 56 General-Purpose I/O (GPIO) Pins
• Boot ROM (4K x 16)
• Advanced Emulation Features
– With Software Boot Modes
– Analysis and Breakpoint Functions
– Standard Math Tables
– Real-Time Debug via Hardware
• External Interface (2812)
• Development Tools Include
– Over 1M x 16 Total Memory
– ANSI C/C++ Compiler/Assembler/Linker
– Programmable Wait States
– Code Composer Studio™ IDE
– Programmable Read/Write Strobe Timing
– DSP/BIOS™
– Three Individual Chip Selects
– JTAG Scan Controllers(1)
• Low-Power Modes and Power Savings
– IDLE, STANDBY, HALT Modes Supported
– Disable Individual Peripheral Clocks
(1)
IEEE Standard 1149.1-1990 IEEE Standard Test Access Port
and Boundary-Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar BGA, TMS320C28x, Code Composer Studio, DSP/BIOS, C28x, TMS320C2000, TI, TMS320C54x, TMS320C55x, TMS320 are
trademarks of Texas Instruments.
3
eZdsp is a trademark of Spectrum Digital Incorporated.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com