Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 100Page - Texas Instruments TMS320F2811 Datasheet HTML 101Page - Texas Instruments TMS320F2811 Datasheet HTML 102Page - Texas Instruments TMS320F2811 Datasheet HTML 103Page - Texas Instruments TMS320F2811 Datasheet HTML 104Page - Texas Instruments TMS320F2811 Datasheet HTML 105Page - Texas Instruments TMS320F2811 Datasheet HTML 106Page - Texas Instruments TMS320F2811 Datasheet HTML 107Page - Texas Instruments TMS320F2811 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 170 page
background image
t
h(XPLLDIS)
t
h(XMP/MC)
t
h(boot-mode)
(C)
V
, V
V
, V
(3.3 V)
DDIO
DD3VFL
DDAn
DDAIO
(A)
XCLKIN
2.5 V
X1
XRS
XF/XPLLDIS
XMP/MC
Boot-Mode Pins
V
, V
[1.8 V (or 1.9 V)]
DD
DD1
XCLKOUT
I/O Pins
User-Code Dependent
User-Code Dependent
User-Code Dependent
Boot-ROM Execution Starts
Peripheral/GPIO Function
Based on Boot Code
GPIO Pins as Input
XPLLDIS Sampling
GPIOF14
GPIO Pins as Input (State Depends on Internal PU/PD)
(Don’t Care)
(Don’t Care)
User-Code Dependent
Address/
Data/
Control
User-Code Execution Phase
XCLKIN/8
(B)
t
d(EX)
(D)
t
su(XPLLDIS)
0.3 V
t
OSCST
t
w(RSL1)
Address/Data Valid. Internal Boot-ROM Code Execution Phase
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
A.
VDDAn – VDDA1/VDDA2 and AVDDREFBG
B.
Upon power up, SYSCLKOUT is XCLKIN/2 if the PLL is enabled. Since both the XTIMCLK and CLKMODE bits in the
XINTCNF2 register come up with a reset state of 1, SYSCLKOUT is further divided by 4 before it appears at
XCLKOUT. This explains why XCLKOUT = XCLKIN/8 during this phase.
C.
After reset, the Boot ROM code executes instructions for 1260 SYSCLKOUT cycles (SYSCLKOUT = XCLKIN/2) and
then samples BOOT Mode pins. Based on the status of the Boot Mode pin, the boot code branches to destination
memory or boot code function in ROM. The BOOT Mode pins should be held high/low for at least 2520 XCLKIN
cycles from boot ROM execution time for proper selection of Boot modes.
If Boot ROM code executes after power-on conditions (in debugger environment), the Boot code execution time is
based on the current SYSCLKOUT speed. The SYSCLKOUT will be based on user environment and could be with or
without PLL enabled.
D.
The state of the GPIO pins is undefined (i.e., they could be input or output) until the 1.8-V (or 1.9-V) supply reaches
at least 1 V and 3.3-V supply reaches 2.5 V.
Figure 6-11. Power-on Reset in Microcomputer Mode (XMP/MC = 0) (See Note D)
104
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com