Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 131 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 127Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 128Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 129Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 130Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 131Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 132Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 133Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 134Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 170 page
background image
DIN
t
d(XCOHL-XRDL)
t
d(XCOH-XA)
t
d(XCOH-XZCSL)
t
d(XCOHL-XRDH)
t
h(XD)XRD
t
d(XCOHL-XZCSH)
XCLKOUT = XTIMCLK
XCLKOUT = 1/2 XTIMCLK
XZCS0AND1 XZCS2
XZCS6AND7
,
,
XA[0:18]
XRD
XWE
XR/W
XD[0:15]
t
su(XD)XRD
t
a(A)
t
a(XRD)
XREADY
Lead
Active
Trail
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
A.
All XINTF accesses (lead period) begin on the rising edge of XCLKOUT. When necessary, the device will insert an
alignment cycle before an access to meet this requirement.
B.
During alignment cycles, all signals will transition to their inactive state.
C.
For USEREADY = 0, the external XREADY input signal is ignored.
D.
XA[0:18] will hold the last address put on the bus during inactive cycles, including alignment cycles.
Figure 6-31. Example Read Access
XTIMING register parameters used for this example:
XRDLEAD
XRDACTIVE
XRDTRAIL
USEREADY
X2TIMING
XWRLEAD
XWRACTIVE
XWRTRAIL
READYMODE
≥ 1
≥ 0
≥ 0
0
0
N/A(1)
N/A(1)
N/A(1)
N/A(1)
(1)
N/A = “Don’t care” for this example
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
131
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com