Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 132 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 128Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 129Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 130Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 131Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 132Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 133Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 134Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 135Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 170 page
background image
Lead
Active
Trail
t
d(XCOH-XZCSL)
t
d(XCOH-XA)
t
d(XCOHL-XWEL)
t
d(XCOHL-XWEH)
t
d(XCOHL-XZCSH)
t
en(XD)XWEL
t
h(XD)XWEH
t
dis(XD)XRNW
XCLKOUT = XTIMCLK
XCLKOUT = 1/2 XTIMCLK
XZCS0AND1 XZCS2
XZCS6AND7
,
,
XA[0:18]
XRD
XWE
XR/W
XD[0:15]
t
d(XCOH-XRNWL)
t
d(XCOHL-XRNWH)
DOUT
XREADY
t
d(XWEL-XD)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.25 External Interface Write Timing
Table 6-34. External Memory Interface Write Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(XCOH-XZCSL)
Delay time, XCLKOUT high to zone chip-select active-low
1
ns
td(XCOHL-XZCSH)
Delay time, XCLKOUT high or low to zone chip-select inactive-high
–2
3
ns
td(XCOH-XA)
Delay time, XCLKOUT high to address valid
2
ns
td(XCOHL-XWEL)
Delay time, XCLKOUT high/low to XWE low
2
ns
td(XCOHL-XWEH)
Delay time, XCLKOUT high/low to XWE high
2
ns
td(XCOH-XRNWL)
Delay time, XCLKOUT high to XR/W low
1
ns
td(XCOHL-XRNWH)
Delay time, XCLKOUT high/low to XR/W high
–2
1
ns
ten(XD)XWEL
Enable time, data bus driven from XWE low
0
ns
td(XWEL-XD)
Delay time, data valid after XWE active-low
4
ns
th(XA)XZCSH
Hold time, address valid after zone chip-select inactive-high
(1)
ns
th(XD)XWE
Hold time, write data valid after XWE inactive-high
TW – 2(2)
ns
tdis(XD)XRNW
Maximum time for DSP to release the data bus after XR/W inactive-high
4
ns
(1)
During inactive cycles, the XINTF address bus will always hold the last address put out on the bus. This includes alignment cycles.
(2)
TW = Trail period, write access. See Table 6-30.
A.
All XINTF accesses (lead period) begin on the rising edge of XCLKOUT. When necessary, the device will insert an
alignment cycle before an access to meet this requirement.
B.
During alignment cycles, all signals will transition to their inactive state.
C.
For USEREADY = 0, the external XREADY input signal is ignored.
D.
XA[0:18] will hold the last address put on the bus during inactive cycles, including alignment cycles.
Figure 6-32. Example Write Access
XTIMING register parameters used for this example:
XRDLEAD
XRDACTIVE
XRDTRAIL
USEREADY
X2TIMING
XWRLEAD
XWRACTIVE
XWRTRAIL
READYMODE
N/A(1)
N/A(1)
N/A(1)
0
0
≥ 1
≥ 0
≥ 0
N/A(1)
(1)
N/A = “Don’t care” for this example
132
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com