Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 21Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 22Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 23Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 24Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 25Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Package pinouts and signal descriptions
Freescale Semiconductor
22
2.2
Pin descriptions
The following sections provide signal descriptions and related information about the functionality and
configuration for this device.
2.2.1
Pad types
Table 2 lists the pad types used on the PXS30.
2.2.2
Power supply and reference voltage pins
Table 3 shows the supply pins for the PXS30 in the 257 MAPBGA package. Table 5 shows the supply pins
for the PXS30 in the 473 MAPBGA package.
Table 4 and Table 6 show the pins not populated on the PXS30 257 MAPBGA and 473 MAPBGA
packages, respectively.
Table2. Pad types
Pad Type
Description
GP Slow
Slow buffer with CMOS Schmitt trigger and pullup/pulldown.
GP Slow/Fast
Programmable slow/fast buffer with CMOS Schmitt trigger, pullup/pulldown.
GP Slow/Medium
Programmable slow/medium buffer with CMOS Schmitt trigger, pullup/pulldown.
Programmable slow/medium buffer with CMOS Schmitt trigger, pullup/pulldown
and Injection proof analog switch.
GP Slow/Symmetric Programmable slow/symmetric buffer with CMOS Schmitt trigger,
pullup/pulldown.
PDI Medium
Medium slew-rate output with four selectable slew rates. Contains an input buffer
and weak pullup/pulldown.
PDI Fast
Fast slew-rate output with four selectable slew rates. Contains an input buffer and
weak pullup/pulldown.
DRAM ACC
Bidirectional DDR pad. Can be configured to support LPDDR half strength,
LPDDR full strength, DDR1, DDR2 half strength, DDR2 full strength, and SDR.
DRAM CLK
Differential clock driver
DRAM DQ
Bidirectional DDR pad with integrated ODT. Can be configured to support
LPDDR half strength, LPDDR full strength, DDR1, DDR2 half strength, DDR2 full
strength, and SDR.
DRAM ODT CTL
Enable On Die Termination control
Analog
CMOS Schmitt trigger cell with injection proof analog switch.
Analog Shared
CMOS Schmitt trigger cell with two injection-proof analog switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com