Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
77
3.8.2
PMC board schematic and components
Figure 7 shows a sample application for the PMC.
Figure 7. PMU mandatory external components
Table 18. VRC SMPS recommended external devices
Reference
Designator
Part Description
Part Type
Nominal
Description
Ca
—
capacitor 20 µF, 20 V
Filter capacitor
Cb
—
capacitor 0.1 µF, 20 V
Filter capacitor
Cd
—
capacitor 20 µF, 20 V
Supply decoupling cap, ESR < 50 m
,
as close to p-MOS source as possible
Ce
—
capacitor 0.1 µF, 16 V
Ceramic
Cl
—
capacitor 20 µF, 16 V
Buck capacitor, total ESR < 100 m
,
as close to the coil as possible
D
SS8P3L
Schottky
—
Vishay low Vf Schottky diode
L
—
inductor
4 µH, 1.5 A
Buck shielded coil low ESR
Q
SUD50P04/SQD50P04
pMOS
2 A, 40 V
Vishay low threshold p-MOS, Vth <
2.5 V, Rdson@4.5 V < 20 m
, Cg
<5 nF
R
—
resistor
50–100 k
Pull up for power p-MOS gate
VDD_HV_PMU
VSS_HV_PMU
VREG_CTRL
VDD_LV_COR
VSS_LV_COR
Ca
Cb
Cd
Ce
Cl
L
R
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com