Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXD3010VMS1R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: PXS30
Rev. 1, 09/2011
© Freescale Semiconductor, Inc., 2011. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
PXS30
257 MAPBGA
(14 x 14 mm)
473 MAPBGA
(19 x 19 mm)
The PXS30 family represents a new generation of
32-bit microcontrollers based on the Power
Architecture®. These devices provide a
cost-effective, single chip display solution for the
industrial market. An integrated TFT driver with
digital video input ability from an external video
source, significant on-chip memory, and low power
design methodologies provide flexibility and
reliability in meeting display demands in rugged
environments. The advanced processor core offers
high performance processing optimized for low
power consumption, operating at speeds as high as
64 MHz. The family itself is fully scalable from
512 KB to 1 MB internal flash memory. The
memory capacity can be further expanded via the
on-chip QuadSPI serial flash controller module.
The PXS30 family platform has a single level of
memory hierarchy supporting on-chip SRAM and
flash memories. The 1 MB flash version features
160 KB of on-chip graphics SRAM to buffer cost
effective color TFT displays driven via the on-chip
Display Control Unit (DCU). See Table 1 for
specific memory size and feature sets of the product
family members.
The PXS30 family benefits from the extensive
development infrastructure for Power Architecture
devices, which is already well established. This
includes full support from available software
drivers, operating systems, and configuration code
PXS30 Microcontroller Data
Sheet
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.1
Document overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.3
Block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.4
Feature list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
1.5
Feature details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2
Package pinouts and signal descriptions . . . . . . . . . . . . . . . . 19
2.1
Package pinouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2.2
Pin descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
3
Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.2
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 70
3.3
Recommended operating conditions . . . . . . . . . . . . . . 71
3.4
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 73
3.5
Electromagnetic interference (EMI) characteristics . . . 74
3.6
Electrostatic discharge (ESD) characteristics. . . . . . . . 75
3.7
Static latch-up (LU). . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
3.8
Power Management Controller (PMC) electrical
characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.9
Supply current characteristics . . . . . . . . . . . . . . . . . . . 78
3.10 Temperature sensor electrical characteristics . . . . . . . 78
3.11 Main oscillator electrical characteristics . . . . . . . . . . . . 79
3.12 FMPLL electrical characteristics. . . . . . . . . . . . . . . . . . 79
3.13 16 MHz RC oscillator electrical characteristics . . . . . . 81
3.14 ADC electrical characteristics. . . . . . . . . . . . . . . . . . . . 81
3.15 Flash memory electrical characteristics . . . . . . . . . . . . 87
3.16 SRAM memory electrical characteristics . . . . . . . . . . . 89
3.17 GP pads specifications . . . . . . . . . . . . . . . . . . . . . . . . . 89
3.18 PDI pads specifications . . . . . . . . . . . . . . . . . . . . . . . . 91
3.19 DRAM pad specifications . . . . . . . . . . . . . . . . . . . . . . . 96
3.20 RESET characteristics . . . . . . . . . . . . . . . . . . . . . . . . 102
3.21 Reset sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
3.22 Peripheral timing characteristics. . . . . . . . . . . . . . . . . 110
4
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
4.1
Package mechanical data. . . . . . . . . . . . . . . . . . . . . . 132
5
Orderable parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
6
Reference documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
7
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . 138


Similar Part No. - MPXD3010VMS1R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXD1005VLQ120R FREESCALE-MPXD1005VLQ120R Datasheet
717Kb / 130P
PXD10 Microcontroller
MPXD1005VLQ120R FREESCALE-MPXD1005VLQ120R Datasheet
128Kb / 26P
32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXD1005VLQ64 FREESCALE-MPXD1005VLQ64 Datasheet
717Kb / 130P
PXD10 Microcontroller
MPXD1005VLQ64 FREESCALE-MPXD1005VLQ64 Datasheet
128Kb / 26P
32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXD1005VLQ64R FREESCALE-MPXD1005VLQ64R Datasheet
717Kb / 130P
PXD10 Microcontroller
More results

Similar Description - MPXD3010VMS1R

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Freescale Semiconductor...
PXS30FS FREESCALE-PXS30FS Datasheet
700Kb / 2P
PXS30 Family Built on Power Architecture짰 Technology
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com