Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
82
3.14.1
Input impedance and ADC accuracy
To preserve the accuracy of the A/D converter, it is necessary that analog input pins have low AC
impedance. Placing a capacitor with good high frequency characteristics at the input pin of the device can
be effective: the capacitor should be as large as possible, ideally infinite. This capacitor contributes to
attenuating the noise present on the input pin; further, it sources charge during the sampling phase, when
the analog signal source is a high-impedance source.
A real filter can typically be obtained by using a series resistance with a capacitor on the input pin (simple
RC filter). The RC filtering may be limited according to the value of source impedance of the transducer
or circuit supplying the analog signal to be measured. The filter at the input pins must be designed taking
into account the dynamic characteristics of the input signal (bandwidth) and the equivalent input
impedance of the ADC itself.
In fact a current sink contributor is represented by the charge sharing effects with the sampling
capacitance: CS being substantially a switched capacitance, with a frequency equal to the conversion rate
of the ADC, it can be seen as a resistive path to ground. For instance, assuming a conversion rate of 1 MHz,
with CS equal to 3 pF, a resistance of 330 k is obtained (REQ =1 / (fC  CS), where fC represents the
conversion rate at the considered channel). To minimize the error induced by the voltage partitioning
between this resistance (sampled voltage on CS) and the sum of RS +RF +RL +RSW +RAD, the external
circuit must be designed to respect the Equation 9:
Eqn. 9
Equation 9 generates a constraint for external network design, in particular on resistive path. Internal
switch resistances (RSW and RAD) can be neglected with respect to external resistances.
Figure 10. Input equivalent circuit
V
A
R
S
R
F
R
L
R
SW
R
AD
++
+
+
R
EQ
---------------------------------------------------------------------------
1
2
---LSB
RF
CF
RS
RL
RSW1
CP2
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW1 Channel Selection Switch Impedance
RAD Sampling Switch Impedance
CP
Pin Capacitance (two contributions, CP1 and CP2)
CS
Sampling Capacitance
CP1
RAD
Channel
Selection
VA
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com