Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
85
From this formula, in the worst case (when VA is maximum, that is for instance 5 V), assuming to accept
a maximum error of half a count, a constraint is evident on CF value:
Eqn. 20
Table 24. ADC conversion characteristics
No.
Symbol
Parameter
Conditions1
NOTES:
1 V
DD = 3.3 V, TJ = –40 to +150 °C, unless otherwise specified and analog input voltage from VAGND to VAREF.
Min Typ Max Unit
1fCK
SR ADC clock frequency (depends on ADC
configuration)
(The duty cycle depends on AD_CK2 frequency)
2 AD_CK clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
—3
—
60
MHz
2fs
SR Sampling frequency
—
—
—
959 kHz
3tADC_S D Sample time
3
60 MHz
383
—
—
ns
4tADC_E P Evaluation time
4
TBD
600
—
—
ns
5CS
5
D ADC input sampling capacitance
—
—
— 7.32
pF
6CP1
5
D ADC input pin capacitance 1
——
—
2.5
pF
7CP2
5
D ADC input pin capacitance 2
——
— TBD
pF
8RSW1
5
D Channel selection switch resistance
VREF range=4.5to5.5 V
—
—
1.0
k
9VREF range=3.0to3.6 V
—
—
1.2
k
10
RAD
5
D Sample switching resistance
—
—
—
825
11
IINJ
T Current injection
Current injection on one ADC
input channel, different from
the converted one. Other
parameters stay within
specified limits as long as the
ADC supply stays within its
specified limits due to the
current injection.
–3
—
3
mA
12
INL
P Integral non linearity
—–3
—
3
LSB
13
DNL
P Differential non linearity6
—–1.0
—
1.0 LSB
14
OFS
T Offset error
—–4
—
4
LSB
15
GNE
T Gain error
—–4
—
4
LSB
16
TUE
P Total unadjusted error
—–6
—
6
LSB
17
TUE
T Total unadjusted error with current injection
—
TBD
— TBD LSB
18
SNR
T Signal-to-noise ratio
—69
—
—
dB
19
THD
T Total harmonic distortion
—TBD
—
—
dB
20 SINAD T Signal-to-noise and distortion
—65
—
—
dB
21 ENOB
T Effective number of bits
—10.5
—
—
bits
C
F
8192
C
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com