Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
91
3.17.2
GP pads AC specifications
3.18
PDI pads specifications
This section specifies the electrical characteristics of the PDI pads. Please refer to the tables in Section 2.2,
Pin descriptions,” for a cross reference between package pins and pad types.
PDI pads feature list:
•
Direction
— Input
— Output
— Bidirectional
•
Driver
— Push/Pull/Open Drain
— Configurable Four Drive Strengths on Fast driver pads
Table 35. GP pads AC electrical characteristics1
NOTES:
1 The values provided in this table are not applicable for PDI and EBI/DRAM interface.
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
2 Slope at rising/falling edge.
Frequency
(MHz)
Current slew3
(mA/ns)
3 Data based on characterization results, not tested in production.
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
3
—
40
4
—
40
—
—
4
0.01
—
2
25
3—
40
6
—
50
—
—
2
0.01
—
2
50
3
—
40
10
—
75
—
—
2
0.01
—
2
100
3
—
40
14
—
100
—
—
2
0.01
—
2
200
2
Medium
1
—
15
2
—
12
—
—
40
2.5
—
7
25
1
—
15
4
—
25
—
—
20
2.5
—
7
50
1
—
15
8
—
40
—
—
13
2.5
—
7
100
1
—
15
14
—
70
—
—
7
2.5
—
7
200
3Fast
1
—
6
1
—
4
—
—
72
3
—
40
25
1—6
1.5
—
7
—
—
55
7—
40
50
1—6
3
—
12
—
—
40
7
—
40
100
1—6
5
—
18
—
—
25
7
—
40
200
4
Symmetric
1—8
1
—
5
—
—
50
3—
25
25
5
Pull Up/Down
(3.6 V max)
—————
7500
——
————
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com