Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 69Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
73
3.4
Thermal characteristics
3.4.1
General notes for specifications at maximum junction temperature
An estimation of the chip junction temperature, TJ, can be obtained from Equation 1:
TJ =TA +(RJA ×PD)
Eqn. 1
where:
TA
= ambient temperature for the package (oC)
RJA = junction to ambient thermal resistance (
oC/W)
PD
= power dissipation in the package (W)
The junction to ambient thermal resistance is an industry standard value that provides a quick and easy
estimation of thermal performance. Unfortunately, there are two values in common usage: the value
determined on a single layer board and the value obtained on a board with two planes. For packages such
as the PBGA, these values can be different by a factor of two. Which value is closer to the application
depends on the power dissipated by other components on the board. The value obtained on a single layer
Table 13. Thermal characteristics for package options1
NOTES:
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
No.
Symbol
Parameter
Conditions
Value
Unit
BGA
257
BGA
473
1RJA
CC Thermal resistance junction-to-ambient
natural convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board – 1s
 40
 34 °C/W
2RJA
CC Thermal resistance junction-to-ambient
natural convection2
Four layer board – 2s2p
 22
 20 °C/W
3RJMA CC Thermal resistance
junction-to-moving-air ambient2
@ 200 ft./min.,
single layer board – 1s
 32
 26 °C/W
4RJMA CC Thermal resistance
junction-to-moving-air ambient2
@ 200 ft./min.,
four layer board – 2s2p
 18
 17 °C/W
5RJB
CC Thermal resistance junction-to-board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—
 10
 10 °C/W
6RJC
CC Thermal resistance junction-to-case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—
 6
 6
°C/W
7
JT
CC Junction-to-package-top natural
convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
—
 2
 2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com