Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
81
3.13
16 MHz RC oscillator electrical characteristics
3.14
ADC electrical characteristics
The PXS30 provides a 12-bit Successive Approximation Register (SAR) Analog-to-Digital Converter.
Figure 8. ADC characteristics and error definitions
Table 23. RC oscillator electrical characteristics
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1fRC
CC RC oscillator frequency
27 °C, 1.2 V trimmed
—16—
MHz
2
RCMVAR
CC Frequency spread: The variation in
output frequency from PTF1 across
temperature and supply voltage range
NOTES:
1 PTF = Post Trimming Frequency: The frequency of the output clock after trimming at typical supply voltage and
temperature.
——
—
±5
%
3
IRCTRIM
CC Internal RC oscillator trimming step
TA = 25 °C
—
1.6
—
%
(2)
(1)
(3)
(4)
(5)
Offset Error OSE
Offset Error OSE
Gain Error GE
1 LSB (ideal)
Vin(A) (LSBideal)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) Differential non-linearity error (DNL)
(4) Integral non-linearity error (INL)
(5) Center of a step of the actual transfer
curve
code out
4095
4094
4093
4092
4091
4090
5
4
3
2
1
0
7
6
1
2
3
4
5
6
7
4089 40904091 40924093 4094 4095
1 LSB ideal =(VrefH-VrefL)/ 4096 =
3.3 V/ 4096 = 0.806 mV
Total Unadjusted Error
TUE =
±6 LSB = ±4.84 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com