Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
97
— All inputs are tolerant up to their VDD_HV_DRAM Absolute Maximum Rating
— Data and strobe pads can be configured to support four signal termination options
– Infinite/no termination
– 50 Ohms
– 75 Ohms
– 150 Ohms
The electrical data provided in Section 3.19, DRAM pad specifications,” applies to the pads listed in
Table 46.
All three pad types can be configured to support SDR, DDR, DDR2 half and full strength, and LPDDR
half and full strength modes, according to Table 47.
3.19.1
DRAM pads electrical specifications (VDD_HV_DRAM = 3.3 V)
Table 46. DRAM pads
Name
Voltage
Used For
Notes1
NOTES:
1 All pads can be configured to support LPDDR half strength, LPDDR full strength, DDR1, DDR2 half
strength, DDR2 full strength, and SDR.
DRAM ACC
1.62 V–3.6 V
I/O
Bidirectional DDR pad
DRAM CLK
1.62 V–3.6 V
O
Output only differential clock driver pad
DRAM DQ
1.62 V–3.6 V
I/O
Bidirectional DDR pad with integrated ODT
Table 47. Mode configuration for DRAM pads
Configuration1
NOTES:
1 Configuration is selected in the corresponding PCR registers of the SIUL.
Mode
000
1.8 V LPDDR Half Strength
001
1.8 V LPDDR Full Strength
010
1.8 V DDR2 Half Strength
011
2.5 V DDR
100
Not supported
101
Not supported
110
1.8 V DDR2 Full Strength
111
SDR
Table 48. DRAM pads DC electrical specifications (VDD_HV_DRAM = 3.3 V)
No.
Symbol
Parameter
Condition
Min
Max
Unit
1VDD_HV_DRAM
SR I/O supply voltage
—3.0
3.6
V
2
VDD_HV_DRAM_VREF CC Input reference
voltage
—1.3
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com