Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 67Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 68Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 69Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
71
3.3
Recommended operating conditions
15
VDD_HV_ADV
SR ADC supply voltage
—–0.3
3.64,5
V
16
VSS_HV_ADV
SR ADC supply ground
—–0.1
0.1
V
17
VDD_LV_COR
SR Core supply voltage digital logic
—–0.3
1.327
V
18
VSS_LV_COR
SR Core supply voltage ground digital logic
—–0.1
0.1
V
19
VDD_LV_PLL
SR PLL supply voltage
—–0.3
1.4
V
20
VSS_LV_PLL
SR PLL reference voltage
—–0.1
0.1
V
21
TVDD
SR Slope characteristics on all VDD during power
up
——
25
mV/µs
22
VIN
SR Voltage on any pin with respect to its supply rail
VDD_HV_xxx
Relative to
VDD_HV_xxx
–0.3
VDD_HV_xxx
+0.38
V
23
IINJPAD
SR Injected input current on any pin during
overload condition (incl. analog pins TBD)
—
–10
10
mA
24
IINJPADA
SR Injected input current on any analog pin during
overload condition
—
–3
3
mA
25
IINJSUM
SR Absolute sum of all injected input currents
during overload condition
—
–50
50
mA
26
TSTG
SR Storage temperature
—
–55
150
°C
27
TSDR
SR Maximum Solder Temperature9
Pb-free package
SnPb package
—
—
—
260
245
°C
28
MSL
SR Moisture Sensitivity Level10
——
3
—
NOTES:
1 Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
2 Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device stress
have not yet been determined.
3 TBD V for 10 hours cumulative time, 5.0 V + 10% for time remaining.
4 5.3 V for 10 hours cumulative over lifetime of device, 3.63 V for time remaining.
5 Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
6 All V
DD_HV_ADRx rails must be operated at the same supply voltage.
7 2.0 V for 10 hours cumulative time, 1.2 V + 10% for time remaining.
8 Only when V
DD_HV_xxx < 5.2 V.
9 Solder profile per CDF-AEC-Q100.
10 Moisture sensitivity per JEDEC test method A112.
Table 12. Recommended operating conditions1
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1VDD_HV_PMU
SR Voltage regulator supply voltage
—3.0
5.5
V
Table 11. Absolute maximum ratings1 (continued)
No.
Symbol
Parameter
Conditions
Min
Max2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com