| Electronic Components Datasheet Search |
|
MPXD3010VMS1R Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXD3010VMS1R Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc |
|
84 / 139 page ![]() PXS30 Microcontroller Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Electrical characteristics Freescale Semiconductor 84 Eqn. 16 Of course, RL shall be sized also according to the current limitation constraints, in combination with RS (source impedance) and RF (filter resistance). Being CF definitively bigger than CP1, CP2 and CS, then the final voltage VA2 (at the end of the charge transfer transient) will be much higher than VA1. Equation 17 must be respected (charge balance assuming now CS already charged at VA1): Eqn. 17 The two transients above are not influenced by the voltage source that, due to the presence of the RFCF filter, is not able to provide the extra charge to compensate the voltage drop on CS with respect to the ideal source VA; the time constant RFCF of the filter is very high with respect to the sampling time (TS). The filter is typically designed to act as anti-aliasing. Figure 18. Spectral representation of input signal Calling f0 the bandwidth of the source signal (and as a consequence the cut-off frequency of the anti-aliasing filter, fF), according to the Nyquist theorem the conversion rate fC must be at least 2f0; it means that the constant time of the filter is greater than or at least equal to twice the conversion period (TC). Again the conversion period TC is longer than the sampling time TS, which is just a portion of it, even when fixed channel continuous conversion mode is selected (fastest conversion rate at a specific channel): in conclusion it is evident that the time constant of the filter RFCF is definitively much higher than the sampling time TS, so the charge level on CS cannot be modified by the analog signal source during the time in which the sampling switch is closed. The considerations above lead to impose new constraints on the external circuit, to reduce the accuracy error due to the voltage drop on CS; from the two charge balance equations above, it is simple to derive Equation 19 between the ideal and real sampled voltage on CS: Eqn. 19 10 2 10 R L C S C P1 C P2 ++ =T S V A2 C S C P1 C P2 C F +++ V A C F V A1 +C P1 C P2 +C S + = f0 f Analog Source Bandwidth (VA) f0 f Sampled Signal Spectrum (fC = conversion Rate) fC f Anti-Aliasing Filter (fF = RC Filter pole) fF 2 f0 fC (Nyquist) fF f0 (Anti-aliasing Filtering Condition) TC 2 RFCF (Conversion Rate vs. Filter Pole) Noise V A V A2 ------------ C P1 C P2 +C F + C P1 C P2 +C F C S ++ -------------------------------------------------------- = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |