Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 21Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
18
1.5.26
Non-maskable interrupt (NMI)
The non-maskable interrupt with de-glitching filter is available to support high priority core exceptions.
1.5.27
System Status and Configuration Module (SSCM)
The SSCM on the PXS30 features the following:
•
System configuration and status
•
Debug port status and debug port enable
•
Multiple boot code starting locations out of reset through implementation of search for valid Reset
Configuration Half Word
•
Sets up the MMU to allow user boot code to execute as either Classic PowerPC Book E code
(default) or as Freescale VLE code out of flash
•
Supports serial bootloading of either Classic PowerPC Book E code (default) or Freescale VLE code
•
Detection of user boot code
•
Automatic switch to serial boot mode if internal flash is blank or invalid
1.5.28
Nexus Development Interface (NDI)
•
Per IEEE-ISTO 5001-2008
•
Real-time development support for Power Architecture core through Nexus class 3 (some class 4
support)
•
Nexus support to snoop system SRAM traffic
•
Data trace of FlexRay accesses
•
Read and write access
•
Configured via the IEEE 1149.1 (JTAG) port
•
High bandwidth mode for fast message transmission
•
Reduced bandwidth mode for reduced pin usage
1.5.29
IEEE 1149.1 JTAG controller (JTAGC)
•
IEEE 1149.1-2001 Test Access Port (TAP) interface
•
JCOMP input that provides the ability to share the TAP —selectable modes of operation include
JTAGC/debug or normal system operation
•
5-bit instruction register that supports IEEE 1149.1-2001 defined instructions
•
5-bit instruction register that supports additional public instructions
•
Three test data registers:
— Bypass register
— Boundary scan register
— Device identification register
•
TAP controller state machine that controls the operation of the data registers, instruction register,
and associated circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com