Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXD3010VMS1R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
4
1.3
Block diagram
Figure 1 shows a top-level block diagram of the PXS30 device.
Clocking
Clock monitor unit
(CMU)
3 modules
Clock output
2 modules
Frequency-modulated
phase-locked loop
(FMPLL)
2 modules (system and auxiliary)
IRCOSC – 16 MHz
1
XOSC 4 MHz – 40 MHz
1
Supply
Power management unit
(PMU)
Yes
1.2 V low-voltage
detector (LVD12)
1
1.2 V high-voltage
detector (HVD12)
1
2.7 V low-voltage
detector (LVD27)
4
Debug
Nexus
Class 3+ (for cores and SRAM ports)
Packages
MAPBGA
257 pins
473 pins
473 pins
Temperature
Ambient
See the TA recommended operating condition in the device data sheet
NOTES:
1 Sphere of Replication.
2 Does not include Test or Shadow Flash memory space.
3 Available only on 473-pin package.
4 DDR available only on 473 package. Other modules available as follows:
EBI or DDR on 473 package.
EBI + PDI on 473 package.
DDR + PDI on 473 package
PDI only on 257 package.
Table 1. PXS30 Family Feature Set (continued)
Features
PXS3010
PXS3015
PXS3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com