Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 101Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 102Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 103Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 104Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 105Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 106Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
103
3.21.1
Reset sequence duration
Table 58 specifies the minimum and the maximum reset sequence duration for the five different reset
sequences described in Section 3.21.2, Reset sequence description.”
3.21.2
Reset sequence description
The figures in this section show the internal states of the PXS30 during the five different reset sequences.
The doted lines in the figures indicate the starting point and the end point for which the duration is
specified in Table 58. The start point and end point conditions as well as the reset trigger mapping to the
different reset sequences is specified in Section 3.21.3, Reset sequence trigger mapping.”
With the beginning of DRUN mode, the first instruction is fetched and executed. At this point, application
execution starts and the internal reset sequence is finished.
The following figures show the internal states of the PXS30 during the execution of the reset sequence and
the possible states of the RESET signal pin.
NOTE
RESET is a bidirectional pin. The voltage level on this pin can either be
driven low by an external reset generator or by the PXS30 internal reset
circuitry. A high level on this pin can only be generated by an external pull
up resistor which is strong enough to overdrive the weak internal pull down
resistor. The rising edge on RESET in the following figures indicates the
time when the device stops driving it low. The reset sequence durations
given in Table 58 are applicable only if the internal reset sequence is not
prolonged by an external reset generator keeping RESET asserted low
beyond the last PHASE3.
Table 58. RESET sequences
No.
Symbol
Parameter
TReset
Unit
Min
Typ
Max1
NOTES:
1 The maximum value is applicable only if the reset sequence duration is not prolonged by an extended assertion of
RESET by an external reset generator.
1TDRB
CC
Destructive Reset Sequence, BIST enabled
60
65
70
ms
2TDR
CC
Destructive Reset Sequence, BIST disabled
40
400
1000
µs
3TERLB
CC
External Reset Sequence Long, BIST enabled
60
65
70
ms
4TFRL
CC
Functional Reset Sequence Long
40
300
600
µs
5TFRS
CC
Functional Reset Sequence Short
1
3
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com