Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 108Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 109Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 110Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 111Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 112Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 113Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 114Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 115Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
112
Figure 33. DDR read timing, DQSEN
Figure 34 provides the AC test load for the DDR bus.
Figure 34. DDR AC test load
3.22.2
IEEE 1149.1 (JTAG) interface timing
Table 62. JTAG pin AC electrical characteristics
No.
Symbol
Parameter
Conditions
Min Max Unit
1tJCYC
D
TCK cycle time 1
—100
—
ns
2tJDC
D
TCK clock pulse width (measured at VDDE/2)
—
40
60
ns
3tTCKRISE
D
TCK rise and fall times (40%–70%)
—
—
3
ns
4tTMSS, tTDIS D TMS, TDI data setup time
—
5
—
ns
5tTMSH, tTDIH D TMS, TDI data hold time
—
25
—
ns
6tTDOV
D
TCK low to TDO data valid
—
—
20
ns
7tTDOI
D
TCK low to TDO data invalid
—
0
—
ns
8tTDOHZ
D
TCK low to TDO high impedance
—
—
20
ns
11
tBSDV
D
TCK falling edge to output valid
—
—
50
ns
12
tBSDVZ
D
TCK falling edge to output valid out of high impedance
—
—
50
ns
13
tBSDHZ
D
TCK falling edge to output high impedance
—
—
50
ns
14
tBSDST
D
Boundary scan input valid to TCK rising edge
—
50
—
ns
15
tBSDHT
D
TCK rising edge to boundary scan input invalid
—
50
—
ns
MCK
DQS (in)
tOS
tOH
Command
Address
Read
tDQSEN (min)
tDQSEN
Output
Z0 =50 
RL = 50 
VDD_MEM_IO/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com