Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 121Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 122Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 123Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 124Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 125Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 126Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 127Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 128Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
125
3.22.8.3
MII async inputs signal timing (CRS and COL)
Figure 53. MII async inputs timing diagram
3.22.8.4
MII serial management channel timing (MDIO and MDC)
The FEC functions correctly with a maximum MDC frequency of 5 MHz.
Table 71. MII async inputs signal timing1
NOTES:
1 Output pads configured with SRC = 0b11.
No.
Parameter
Min
Max
Unit
9
CRS, COL minimum pulse width
1.5
—
TX_CLK period
Table 72. MII serial management channel timing1
NOTES:
1 Output pads configured with SRC = 0b11.
No.
Parameter
Min
Max
Unit
10
MDC falling edge to MDIO output invalid (minimum propagation delay)
0—
ns
11
MDC falling edge to MDIO output valid (max prop delay)
—25
ns
12
MDIO (input) to MDC rising edge setup
10
—
ns
13
MDIO (input) to MDC rising edge hold
0—
ns
14
MDC pulse width high
40%
60%
MDC period
15
MDC pulse width low
40%
60%
MDC period
CRS, COL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com