Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS1R Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS1R Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS1R Datasheet HTML 126Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 127Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 128Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 129Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 130Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 131Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 132Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 133Page - Freescale Semiconductor, Inc MPXD3010VMS1R Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
130
3.22.10 I2C Timing
Table 74. I2C SCL and SDA input timing specifications
No.
Symbol
Parameter
Value
Unit
Min
Max
1
—
D Start condition hold time
2
—
IP bus cycle1
NOTES:
1 Inter Peripheral Clock is the clock at which the I2C peripheral is working in the device.
2
—
D Clock low time
8
—
IP bus cycle1
4
—
D Data hold time
0.0
—
ns
6
—
D Clock high time
4
—
IP bus cycle1
7
—
D Data setup time
0.0
—
ns
8
—
D Start condition setup time (for repeated start condition only)
2
—
IP bus cycle1
9
—
D Stop condition setup time
2
—
IP bus cycle1
Table 75. I2C SCL and SDA output timing specifications
No.
Symbol
Parameter
Value
Unit
Min
Max
11
NOTES:
1 Programming IBFD (I2C bus Frequency Divider) with the maximum frequency results in the minimum output timings
listed. The I2C interface is designed to scale the data transition time, moving it to the middle of the SCL low period.
The actual position is affected by the prescale and division values programmed in IFDR.
—
D Start condition hold time
6
—
IP bus cycle2
2 Inter Peripheral Clock is the clock at which the I2C peripheral is working in the device.
21
—
D Clock low time
10
—
IP bus cycle1
33
3 Because SCL and SDA are open-drain-type outputs, which the processor can only actively drive low, the time SCL
or SDA takes to reach a high level depends on external signal capacitance and pull-up resistor values.
—
D SCL/SDA rise time
—
99.6
ns
41
—
D Data hold time
7
—
IP bus cycle1
51
—
D SCL/SDA fall time
—
99.5
ns
61
—
D Clock high time
10
—
IP bus cycle1
71
—
D Data setup time
2
—
IP bus cycle1
81
—
D Start condition setup time (for repeated start condition only)
20
—
IP bus cycle1
91
—
D Stop condition setup time
10
—
IP bus cycle1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com