Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 120Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 121Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 122Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 123Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 124Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 125Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 126Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 127Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
124
Figure 51. MII receive signal timing diagram
3.22.8.2
MII transmit signal timing (TXD[3:0], TX_EN, TX_ER, TX_CLK)
The transmitter functions correctly up to a TX_CLK maximum frequency of 25 MHz +1%. There is no
minimum frequency requirement. In addition, the system clock frequency must exceed four times the
TX_CLK frequency.
The transmit outputs (TXD[3:0], TX_EN, TX_ER) can be programmed to transition from either the rising
or falling edge of TX_CLK, and the timing is the same in either case. This options allows the use of
non-compliant MII PHYs.
Refer to the Ethernet chapter for details of this option and how to enable it.
Figure 52. MII transmit signal timing diagram
Table 70. MII transmit signal timing1
NOTES:
1 Output pads configured with SRC = 0b11.
No.
Parameter
Min
Max
Unit
5
TX_CLK to TXD[3:0], TX_EN, TX_ER invalid
5—
ns
6
TX_CLK to TXD[3:0], TX_EN, TX_ER valid
—25
ns
7
TX_CLK pulse width high
40%
60%
TX_CLK period
8
TX_CLK pulse width low
40%
60%
TX_CLK period
1
2
RX_CLK (input)
RXD[3:0] (inputs)
RX_DV
RX_ER
3
4
6
TX_CLK (input)
TXD[3:0] (outputs)
TX_EN
TX_ER
5
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com