Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 122Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 123Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 124Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 125Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 126Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 127Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 128Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 129Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
126
Figure 54. MII serial management channel timing diagram
3.22.9
External Bus Interface (EBI) timing
Table 73. EBI timing
No.
Symbol
Parameter
45 MHz (Ext. Bus Freq)1
Unit
Notes
Min
Max
1
tC
CC D_CLKOUT period
22.2
—
ns
Signals are measured
at 50% VDDE.
2
tCDC
CC D_CLKOUT duty cycle
45%
55%
tC
—
3
tCRT
CC D_CLKOUT rise time
——
ns
—
4
tCFT
CC D_CLKOUT fall time
——
ns
—
5
tCOH
CC D_CLKOUT posedge to output
signal invalid or high Z (hold time)
D_ADD[9:30]
D_BDIP
D_CS[0:3]
D_DAT[0:15]
D_OE
D_RD_WR
D_TA
D_TS
D_WE[0:3]/D_BE[0:3]
1.0
—
ns
—
11
MDC (output)
MDIO (output)
12
13
MDIO (input)
10
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com