Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMS2R Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMS2R Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMS2R Datasheet HTML 123Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 124Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 125Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 126Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 127Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 128Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 129Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 130Page - Freescale Semiconductor, Inc MPXD3010VMS2R Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
127
6
tCOV
CC D_CLKOUT posedge to output
signal valid (output delay)
D_ADD[9:30]
D_BDIP
D_CS[0:3]
D_DAT[0:15]
D_OE
D_RD_WR
D_TA
D_TS
D_WE[0:3]/D_BE[0:3]
—10
ns
—
7
tCIS
CC Input signal valid to D_CLKOUT
posedge (setup time)
D_ADD[9:30]
D_DAT[0:15]
D_RD_WR
D_TA
D_TS
7.5
—
ns
—
8
tCIH
CC D_CLKOUT posedge to input signal
invalid (hold time)
D_ADD[9:30]
D_DAT[0:15]
D_RD_WR
D_TA
D_TS
1.0
—
ns
—
9
tAPW
CC D_ALE pulse width
6.5
—
ns
The timing is for
Asynchronous
external memory
system.
10
tAAI
CC D_ALE negated to address invalid
1.5
—
ns
The timing is for
Asynchronous
external memory
system.
ALE is measured at
50% of VDDE.
NOTES:
1 Speed is the nominal maximum frequency. Maximum core speed allowed is 180 MHz plus frequency modulation
(FM).
Table 73. EBI timing (continued)
No.
Symbol
Parameter
45 MHz (Ext. Bus Freq)1
Unit
Notes
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com