Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 29 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 29 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 25Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 26Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 27Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 28Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 29Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 30Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 31Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 32Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
2.4.5
C28x Local Peripherals
The C28x local peripherals include an NMI Watchdog, three Timers, four Serial Port Peripherals (SCI,
SPI, McBSP, I2C), an External Peripheral Interface (EPI), and three types of Control Peripherals (ePWM,
eQEP, eCAP). All peripherals are accessible by the C28x CPU via the C28x Memory Bus. Additionally,
the McBSP and ePWM are accessible by the C28x DMA Bus. The EPI peripheral is also accessible from
the Master Subsystem. The Serial Port Peripherals and the Control Peripherals connect to Concerto’s pins
via the GPIO_MUX1 block. Internally, the C28x peripherals generate events to the PIE block, C28x DMA,
and the Analog Subsystem. The C28x NMI Watchdog receives a C28NMI event from the NMI block and
sends a counter timeout event to the Cortex™-M3 NMI block and the Resets block to flag a potentially
critical condition.
The ePWM peripheral receives events that can be used to trip the ePWM outputs EPWMxA and
EPWMxB. These events include ECCDBLERR event from the C28x Local Memory, PIENMIERR and
EMUSTOP events from the C28x CPU, and up to 12 trips from GPIO_MUX1.
See Section 6.3 for more information on C28x peripherals.
2.4.6
C28x Local Memory
The C28x Local Memory includes Boot ROM; Secure Flash with Error Correction Code (ECC); Secure
L0/L1 RAM with ECC; L2/L3 RAM with Parity Error Checking; and M0/M1 with ECC. All local memories
are accessible from the C28x CPU; the L2/L3 RAM is also accessible by the C28x DMA. Two types of
error correction events can be generated during access of the C28x Local Memory: uncorrectable errors
and single errors. The uncorrectable errors propagate to the NMI block where they can become the
C28NMI to the C28x NMI Watchdog and the C28NMIINT non-maskable interrupt to the C28x CPU. The
less critical single errors go to the PIE block where they can become maskable interrupts to the C28x
CPU.
2.4.7
C28x Accessing Shared Resources and Analog Peripherals
There are several memories, digital peripherals, and analog peripherals that can be accessed by both the
Master and Control Subsystems. They are grouped into the Shared Resources and the Analog
Subsystem.
The Shared Resources include the External Peripheral Interface (EPI), Inter-Processor Communications
(IPC) registers, MTOC Message RAM, CTOM Message RAM, and eight individually configurable Shared
RAM blocks.
The Message RAMs and the Shared RAMs can be accessed by the C28x CPU and DMA and have Parity-
Error Checking. The MTOC Message RAM is intended for sending data from the Master Subsystem to the
Control Subsystem, having r/w access for the Cortex™-M3/µDMA and read-only access for the
C28x/DMA. The CTOM Message RAM is intended for sending data from the Control Subsystem to the
Master Subsystem, having r/w access for the C28x/DMA and read-only access for the Cortex™-
M3/µDMA.
The IPC registers provide up to 32 handshaking channels to coordinate transfer of data through the
Message RAMs by polling. Four of these channels are also backed up by four interrupts to PIE on the
Control Subsystem side, and four interrupts to the NVIC on the Master Subsystem side (to reduce delays
associated with polling).
The eight Shared RAM blocks are similar to the Message RAMs, in that the data flow is only one way;
however, the direction of the data flow can be individually set for each block to be from Master to Control
Subsystem or from Control to Master Subsystem.
See Section 6.1 for more information on shared resources and analog peripherals.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com