Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 33 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 33 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 29Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 30Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 31Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 32Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 33Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 34Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 35Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 36Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
2.6
Master Subsystem NMIs
The Cortex™-M3 NMI Block generates an M3NMIINT non-maskable interrupt to the Cortex™-M3 CPU
and an M3NMI event to the NMI Watchdog in response to potentially critical conditions existing inside or
outside the Concerto™ MCU. When able to respond to the M3NMIINT interrupt, the Cortex™-M3 CPU
may address the NMI condition and disable the NMI Watchdog. Otherwise, the NMI Watchdog counts out
and an M3NMIRST reset signal is sent to the Resets block.
The inputs to the Cortex™-M3 NMI block include the C28NMIRST, PIENMIERR, CLOCKFAIL, ACIBERR,
VREGWARN, EXTGPIO, MLBISTERR, and CLBISTERR signals. The C28NMIRST comes from the C28x
NMI Watchdog; C28NMIRST indicates that the C28x was not able to prevent the C28x NMI Watchdog
counter from counting out. PIENMIERR indicates that an error condition was generated during the NMI
vector fetch from the C28x Peripheral Interrupt Expansion (PIE) block. The CLOCKFAIL input comes from
the Master Clocks Block, announcing a missing clock source to the Main Oscillator. ACIBERR indicates
an abnormal condition inside the Analog Common Interface Bus. The VREGWARN input communicates a
power anomaly. EXTGPIO comes from the GPIO_MUX1 to announce an external emergency.
MLBISTERR is generated by the Cortex™-M3 core to signal that a BIST time-out or signature mismatch
error has been detected. CLBISTERR is generated by the C28x core to signal that a BIST time-out or
signature mismatch error has been detected.
The Cortex™-M3 NMI block can be accessed via the Cortex™-M3 NMI configuration registers—including
the MNMIFLG, MNMIFLGCLR, and MNMIFLGFRC registers—to examine flag bits for the NMI sources,
clear the flags, and force the flags to active state, respectively.
Figure 2-4 shows the Cortex™-M3 NMI and C28x NMI.
2.7
Control Subsystem NMIs
The C28x NMI Block generates a C28NMIINT non-maskable interrupt to the C28x CPU and a C28NMI
event to the C28x NMI Watchdog in response to potentially critical conditions existing inside the
Concerto™ MCU. When able to respond to the C28NMIINT interrupt, the C28x CPU may address the NMI
condition and disable the C28x NMI Watchdog. Otherwise, the C28x NMI Watchdog counts out and the
C28NMIRST reset signal is sent to the Resets block and the Cortex™-M3 NMI Block, where the Cortex™-
M3 NMI Block can generate an NMI to the Cortex™-M3 processor.
The inputs to the C28x NMI block include the CLOCKFAIL, ACIBERR, RAMUNCERR, FLASHUNCERR,
PIENMIERR, CLBISTERR, and MLBISTERR signals. The CLOCKFAIL input comes from the Clocks
Block, announcing a missing clock source to the Main Oscillator. ACIBERR indicates an abnormal
condition inside the Analog Common Interface Bus. The RAMUCERR and FLASHUNCERR announce the
occurrence of uncorrectable error conditions during access to the Flash or RAM (local or shared).
PIENMIERR indicates that an error condition was generated during NMI vector fetch from the C28x
Peripheral Interrupt Expansion (PIE) block. MLBISTERR is generated by the Cortex™-M3 core to signal
that a BIST time-out or signature mismatch error has been detected. CLBISTERR is generated by the
C28x core to signal that a BIST time-out or signature mismatch error has been detected.
The C28x NMI block can be accessed via the C28x NMI configuration registers—including the CNMIFLG,
CNMIFLGCLR, and CNMIFLGFRC registers—to examine flag bits for the NMI sources, clear the flags,
and force the flags to active state, respectively.
Figure 2-4 shows the Cortex™-M3 NMI and C28x NMI.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com