Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 23 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 23 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 19Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 20Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 21Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 22Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 23Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 24Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 25Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 26Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
Table 2-14. Interrupts from NVIC to Cortex™-M3 (continued)
Interrupt Number
Vector Number
Vector Address or Offset
Description
(Bit in Interrupt Registers)
124
140
0x0000.0230
GPIO Port Q
125–131
141–147
–
Reserved
132
148
0x0000.0250
GPIO Port R
133
149
0x0000.0254
GPIO Port S
Table 2-15. Exceptions from Cortex™-M3 Core to NVIC
Vector Address or
Exception Type
Priority(1)
Vector Number
Activation
Offset
Stack top is loaded from
–
–
0
0x0000.0000
the first entry of the vector
table on reset.
Reset
–3 (highest)
1
0x0000.0004
Asynchronous
Asynchronous
On Concerto devices
activated by clock fail
Non-Maskable Interrupt
–2
2
0x0000.0008
condition, C28 PIE error,
(NMI)
external M3GPIO NMI
input signal, and C28 NMI
WD timeout reset.
Hard Fault
–1
3
0x0000.000C
–
Memory Management
programmable
4
0x0000.0010
Synchronous
Synchronous when
precise and asynchronous
when imprecise.
On Concerto devices
Bus Fault
programmable
5
0x0000.0014
activated by memory
access errors and RAM
and flash uncorrectable
data errors.
Usage Fault
programmable
6
0x0000.0018
Synchronous
–
–
7–10
–
Reserved
SVCall
programmable
11
0x0000.002C
Synchronous
Debug Monitor
programmable
12
0x0000.0030
Synchronous
–
–
13
–
Reserved
PendSV
programmable
14
0x0000.0038
Asynchronous
SysTick
programmable
15
0x0000.003C
Asynchronous
Interrupts
programmable
16 and above
0x0000.0040 and above
Asynchronous
(1)
0 is the default priority for all the programmable priorities
Copyright © 2012, Texas Instruments Incorporated
Device Overview
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com