Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 65 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 65 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 61Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 62Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 63Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 64Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 65Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 66Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 67Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 68Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 202 page
background image
ONE OF 136
GPIO_MUX1 PINS
GPIOICR REG
GPIOAFSEL REG
GPIODEN REG
XRS
GPIOCSEL REG
GPAMUX1 REG
GPAMUX2 REG
SEL(1:0)
FROM C28 PERIPH 1-3
PERIPHERALS 1-3 REPRESENT A SET OF UP TO
THREE C28 PERIPHERALS SPECIFIC TO ONE I/O PIN
GPASET REG
GPACLEAR REG
GPATOGGLE REG
GPIOPUR REG
GPIOODR REG
C28 REG SET A
C28 REG SET A
GREY LOGIC IS SPECIFIC TO
ONE DEVICE I/O PIN
OPEN
DRAIN
LOGIC
M3 REG SET A
QUAL
SYNC
C28SYSCLK
TO C28x CPU WAKE-UP FROM
A LOW POWER MODE
GPTRIP (12:1)
TO XINT, ECAP, EPWM
GPADIR REG
C28 REG SET A
GPACTRL REG
-
GPIODATA REG
GPIODIR REG
GPIOAPSEL REG
GPIOPCTL REG
GPIOIS REG
GPIOIBE REG
GPIOIEV REG
GPIOIM REG
GPIORIS REG
GPIOMIS REG
GPIOICR REG
GPIOAFSEL REG
GPIODEN REG
GPIO (A)
IRQ
TO/FROM M3 PERIPH 1-11
TO/FROM M3 PERIPH 12-15
GPIOCSEL REG
PERIPHERALS 1-15 REPRESENT A SET OF UP TO
15 M3 PERIPHERALS SPECIFIC TO ONE I/O PIN
GPIOPUR REG
GPIOODR REG
M3 REG SET A
PRIMARY
M3 REG SET A
M3 REG SET A
ALT
‘1’
‘1’
‘0’
OUTPUT
INPUT
OE
OE
OE
OE
A-S INTR REQUESTS TO M3
N/C
SEL(1:0)
6 SAMPLES
3 SAMPLES
ASYNC INPUT
TO C28 PERIPH 1-3
OUTPUT
DISABLED
AFTER RESET
NORMAL
AT RESET
SYNC INPUT
SYNC INPUT
AT RESET
GPIO
AT RESET
SELECT M3
AT RESET
GPIO MODE
AT RESET
I/O DISABLED
AT RESET
OUTPUTS
INPUTS
SEL(1:0)
GPASEL1 REG
GPASEL2 REG
C28 REG SET A
(C28 GPIO)
GPADAT REG
N/C AT RESET
(M3 GPIO)
PULL-UP
DISABLED
ON RESET
PRIMARY
AT RESET
GPIOLOCK REG
GPIOCR REG
M3 REG SET A
GPIOAMSEL REG
M3 REG SET A
XCLKIN
GPIO63
ONLY
M3 CLOCKS
(USB ANALOG SIGNALS)
EACH I/O PIN HAS A
DEDICATED PAIR OF
BITS FOR MUX SELECT
EACH I/O PIN HAS A
DEDICATED PAIR OF
BITS FOR MUX SELECT
PULL UP
ENB
ORANGE LOGIC SHOWS
USB ANALOG FUNCTIONS
(APPLIES TO 4 PINS ONLY)
GPIOAMSEL REG
(4 PINS ONLY)
ANALOG USB
SIGNALS
GPTRIP1SEL REG
GPTRIP12SEL REG
…
GPI (63:0)
GREEN REGISTER SET A
SHOWN REPRESENTS 32
OF 136 GPIOs. THE
REMAINING 104 GPIOs
ARE CONTROLLED BY
SIMILAR REGISTER SETS
B, C, D AND E
BLUE REGISTER SET A
REPRESENTS 8 OF 136
GPIOs. REMAINING 128
GPIOs ARE CONTROLLED BY
SIMILAR REGISTER SETS
B, C, D, … Q, R, S
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
Figure 2-15. GPIO_MUX1 Pin Mapping Through Register Set A
Copyright © 2012, Texas Instruments Incorporated
Device Overview
65
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com