Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 24 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 24 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 20Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 21Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 22Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 23Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 24Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 25Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 26Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 27Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
SPRS825 – OCTOBER 2012
www.ti.com
2.3.5
Cortex™-M3 Vector Table
Each peripheral interrupt of Table 2-14 is assigned an address offset containing the location of the
peripheral interrupt handler (relative to the vector table base) for that particular interrupt (vector numbers
16–107).
Similarly, each exception interrupt of Table 2-15 (including Reset) is also assigned an address offset
containing the location of the exception interrupt handler (relative to the vector table base) for that
particular interrupt (vector numbers 1–15).
In addition to interrupt vectors, the vector table also contains the initial stack pointer value at table
location 0.
Following system reset, the vector table base is fixed at address 0x0000.0000. Privileged software can
write to the Vector Table Offset (VTABLE) register to relocate the vector table start address to a different
memory location, in the range 0x0000 0200 to 0x3FFF FE00. Note that when configuring the VTABLE
register, the offset must be aligned on a 512-byte boundary.
2.3.6
Cortex™-M3 Local Peripherals
The Cortex™-M3 local peripherals include two Watchdogs, an NMI Watchdog, four General-Purpose
Timers, four SSI peripherals, two CAN peripherals, five UARTs, two I2C peripherals, Ethernet, USB +
PHY, EPI, and µCRC (Cyclic Redundancy Check). The USB and EPI are accessible through the AHB Bus
(Advanced High-Performance Bus). The EPI peripheral is also accessible from the Control Subsystem.
The remaining peripherals are accessible through the APB Bus (Advanced Peripheral Bus). The APB and
AHB bus cycles originate from the CPU System Bus or the µDMA Bus via a bus bridge.
While the Cortex™-M3 CPU has access to all the peripherals, the µDMA has access to most, with the
exception of the µCRC, Watchdogs, NMI Watchdog, CAN peripherals, and the I2C peripheral. The
Cortex™-M3 peripherals connect to the Concerto™ device pins via GPIO_MUX1. Most of the peripherals
also generate event signals for the µDMA and the NVIC. The Watchdogs receive M3SWRST from the
NVIC (triggered by software) and send M3WDRST[1:0] reset requests to the Reset block. The NMI
Watchdog receives the M3NMI event from the NMI block and sends the M3NMIRST request to the Resets
block.
See Section 6.2 for more information on the Cortex™-M3 peripherals.
2.3.7
Cortex™-M3 Local Memory
The Local Memory includes Boot ROM; Secure Flash with Error Correction Code (ECC); Secure C0/C1
RAM with ECC; and C2/C3 RAM with Parity Error Checking. The Boot ROM and Flash are both
accessible through the I-CODE and D-CODE Buses. Flash registers can also be accessed by the
Cortex™-M3 CPU through the APB Bus. All Local Memory is accessible from the Cortex™-M3 CPU; the
C2/C3 RAM is also accessible by the µDMA.
Two types of error correction events can be generated during access of the Local Memory: uncorrectable
errors and single errors. The uncorrectable errors (including one from the Shared Memories) generate a
Bus Fault Exception to the Cortex™-M3 CPU. The less critical single errors go to the NVIC where they
can result in maskable interrupts to the Cortex™-M3 CPU.
24
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com