Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 93 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 93 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 89Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 90Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 91Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 92Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 93Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 94Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 95Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 96Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
3.2
Terminal Functions
Table 3-1 describes the signals.
Table 3-1. Terminal Functions(1)
TERMINAL
PU
OUTPUT
I/O/Z(2)
DESCRIPTION
or
BUFFER
ZWT
NAME
PD(3)
STRENGTH
BALL NO.
ADC 1 Reference Inputs, Analog Comparator Inputs, DAC Inputs, AIO Group 1
ADC1 External High Reference – used only when
ADC1VREFHI
A12
I
in ADC external reference mode.
ADC1 External Low Reference – used only when
ADC1VREFLO
see VSSA
I
in ADC external reference mode.
ADC1INA0
C13
I
ADC1 Group A, Channel 0 input
ADC1INA2
I
ADC1 Group A, Channel 2 input
COMPA1
B13
I
Comparator Input A1
4 mA
AIO2
I/O
Digital AIO2
ADC1INA3
B12
I
ADC1 Group A, Channel 3 input
ADC1INA4
I
ADC1 Group A, Channel 4 input
COMPA2
A11
I
Comparator Input A2
4 mA
AIO4
I/O
Digital AIO4
ADC1INA6
I
ADC1 Group A, Channel 6 input
COMPA3
C12
I
Comparator Input A3
4 mA
AIO6
I/O
Digital AIO6
ADC1INA7
B11
I
ADC1 Group A, Channel 7 input
ADC1INB0
A13
I
ADC1 Group B, Channel 0 input
ADC1INB2
I
ADC1 Group B, Channel 2 input
COMPB1
A14
I
Comparator Input B1
4 mA
AIO10
I/O
Digital AIO10
ADC1INB3
B14
I
ADC1 Group B, Channel 3 input
ADC1INB4
I
ADC1 Group B, Channel 4 input
COMPB2
C14
I
Comparator Input B2
4 mA
AIO12
I/O
Digital AIO12
ADC1INB6
I
ADC1 Group B, Channel 6 input
COMPB3
B15
I
Comparator Input B3
4 mA
AIO14
I/O
Digital AIO14
ADC1INB7
C15
I
ADC1 Group B, Channel 7 input
ADC 2 Reference Inputs, Analog Comparator Inputs, DAC Inputs, AIO Group 2
ADC2 External High Reference – used only when
ADC2VREFHI
A8
I
in ADC external reference mode.
ADC2 External Low Reference – used only when
ADC2VREFLO
see VSSA
I
in ADC external reference mode.
ADC2INA0
C8
I
ADC2 Group A, Channel 0 input
ADC2INA2
I
ADC2 Group A, Channel 2 input
COMPA4
B8
I
Comparator Input A4
4 mA
AIO18
I/O
Digital AIO18
ADC2INA3
B9
I
ADC2 Group A, Channel 3 input
ADC2INA4
I
ADC2 Group A, Channel 4 input
COMPA5
A9
I
Comparator Input A5
4 mA
AIO20
I/O
Digital AIO20
Copyright © 2012, Texas Instruments Incorporated
Device Pins
93
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com