Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 98 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 98 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 94Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 95Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 96Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 97Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 98Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 99Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 100Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 101Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
SPRS825 – OCTOBER 2012
www.ti.com
Table 3-1. Terminal Functions(1) (continued)
TERMINAL
PU
OUTPUT
I/O/Z(2)
DESCRIPTION
or
BUFFER
ZWT
NAME
PD(3)
STRENGTH
BALL NO.
PB6_GPIO14
I/O/Z
General-purpose input/output 14
Capture/Compare/PWM-1
M_CCP1
I/O
(General-purpose Timer)
Capture/Compare/PWM-7
M_CCP7
I/O
(General-purpose Timer)
Capture/Compare/PWM-5
M_CCP5
I/O
(General-purpose Timer)
H4
PU
4 mA
M_EPI0S37(5)
I/O
EPI-0 signal 37
M_MIICRS
I
EMAC MII carrier sense
M_I2C0SDA
I/OD
I2C-0 data open-drain bidirectional port
M_U1TX
O
UART-1 transmit data
M_SSI1CLK
I/O
SSI-1 clock
C_EPWM8A
O
Enhanced PWM-8 output A
PB7_GPIO15
I/O/Z
General-purpose input/output 15
M_EXTNMI
I
Cortex™-M3 external non-maskable interrupt
M_MIIRXD1
I
EMAC MII receive data 1
M_EPI0S36(5)
I/O
EPI-0 signal 36
H3
PU
4 mA
M_I2C0SCL
I/OD
I2C-0 clock open-drain bidirectional port
M_U1RX
I
UART-1 receive data
M_SSI1FSS
I/O
SSI-1 frame
C_EPWM8B
O
Enhanced PWM-8 output B
PD0_GPIO16
I/O/Z
General-purpose input/output 16
M_CAN0RX
I
CAN-0 receive data
M_U2RX
I
UART-2 receive data
M_U1RX
I
UART-1 receive data
Capture/Compare/PWM-6
M_CCP6
I/O
(General-purpose Timer)
M_MIIRXDV
I
EMAC MII receive data valid
F16
PU
4 mA
M_U1CTS
I
UART-1 clear-to-send modem status
M_MIIRXD2
I
EMAC MII receive data 2
M_SSI0TX
O
SSI-0 transmit data
M_CAN1TX
O
CAN-1 transmit data
USB-0 external power enable
M_USB0EPEN
O
(optionally used in the host mode)
C_SPISIMOA
I/O
SPI-A slave in, master out
98
Device Pins
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com