Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 80 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 80 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 76Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 77Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 78Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 79Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 80Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 81Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 82Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 83Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
SPRS825 – OCTOBER 2012
www.ti.com
2.16.3 AIO_MUX1
The 12 pins of AIO_MUX1 can be selectively mapped through a dedicated set of registers to 12 analog
inputs for ADC1 peripheral, six analog inputs for Comparator peripherals, four General-Purpose Inputs, or
four General-Purpose Outputs. Note that while AIO_MUX1 has been named after the analog signals
passing through it, the GPIOs (here called AIOs) are still digital, although with fewer features than those in
the GPIO_MUX1 and GPIO_MUX2 blocks—for example, they do not offer pullups. On reset, all pins of the
AIO_MUX1 block are configured as analog inputs and the GPIO function is disabled. The AIO_MUX1
block is programmed through a separate set of registers from those used to program AIO_MUX2.
The multiple registers responsible for configuring the AIO_MUX1 pins are accessible by the C28x CPU
only. The top portion of Figure 2-16 shows Control Subsystem registers and muxing logic for the
associated 12 AIO pins. The AIOMUX1 register selects 1 of 12 possible analog input signals or 1 of 6
general-purpose AIO inputs. Other registers allow reading and writing of the 6 AIO bits, as well as setting
the direction for each of the bits (read or write). See Table 2-31 for the mapping of analog inputs and AIOs
to the 12 pins of AIO_MUX1.
AIO Mode 0 is chosen by setting selected odd bits of the AIOMUX1 register to ‘0’. AIO Mode 1 is chosen
by setting selected odd bits of the AIOMUX1 register to ‘1’. For example, setting bit 5 of the AIOMUX1
register to ‘0’ assigns pin ADC1INA2 to internal signal AIO2 (digital GPIO). Setting bit 5 of the AIOMUX1
register to ‘1’ assigns pin ADC1INA2 to analog inputs ADC1INA2 or COMPA1 (only one should be
enabled at a time in the respective analog module). Currently, all even bits of the AIOMUX1 register are
“don’t cares”.
Table 2-31. AIO_MUX1 Pin Assignments (C28x AIO Modes)(1)(2)
Device Pin Name
C28x AIO Mode 0(3)
C28x AIO Mode 1(4)
ADC1INA0
–
ADC1INA0
ADC1INA2
AIO2
ADC1INA2, COMPA1
ADC1INA3
–
ADC1INA3
ADC1INA4
AIO4
ADC1INA4, COMPA2
ADC1INA6
AIO6
ADC1INA6, COMPA3
ADC1INA7
–
ADC1INA7
ADC1INB0
–
ADC1INB0
ADC2INB2
AIO10
ADC2INB2, COMPB1
ADC1INB3
–
ADC1INB3
ADC1INB4
AIO12
ADC1INB4, COMPB2
ADC2INB6
AIO14
ADC2INB6, COMPB3
ADC1INB7
–
ADC1INB7
(1)
Blank fields represent Reserved functions.
(2)
For each field with two pins (for example, ADC1INA2, COMPA1), only one pin should be enabled at a time; the other pin should be
disabled. Use registers inside the respective destination analog peripherals to enable or disable these inputs.
(3)
AIO Mode 0 represents digital general-purpose inputs or outputs.
(4)
AIO Mode 1 represents analog inputs for ADC1 or the Comparator module.
80
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com