Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 19 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 19 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 15Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 16Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 17Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 18Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 19Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 20Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 21Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 22Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
2.3
Master Subsystem
The Master Subsystem includes the Cortex™-M3 CPU, µDMA, Nested Vectored Interrupt Controller
(NVIC), Cortex™-M3 Peripherals, and Local Memory. Additionally, the Cortex™-M3 CPU and µDMA can
access the Control Subsystem through Shared Resources: IPC (CPU only), Message RAM, and Shared
RAM; and read ADC Result Registers via the Analog Common Interface Bus. The Master Subsystem can
also receive events from the NMI block and send events to the Resets block.
Figure 2-1 shows the Master Subsystem.
2.3.1
Cortex™-M3 CPU
The 32-bit Cortex™-M3 processor offers high performance, fast interrupt handling, and access to a variety
of communication peripherals (including Ethernet and USB). The Cortex™-M3 features a Memory
Protection Unit (MPU) to provide a privileged mode for protected operating system functionality. A bus
bridge adjacent to the MPU can route program instructions and data on the I-CODE and D-CODE buses
that connect to the Boot ROM and Flash. Other data is typically routed through the Cortex™-M3 System
Bus connected to the local RAMs. The System Bus also goes to the Shared Resources block (also
accessible by the Control Subsystem) and to the Analog Subsystem through the Analog Common
Interface Bus (ACIB). Another bus bridge allows bus cycles from both the Cortex™-M3 System Bus and
those of the µDMA bus to access the Master Subsystem peripherals (via the APB bus or the AHP bus).
Most of the interrupts to the Cortex™-M3 CPU come from the Nested Vectored Interrupt Controller
(NVIC), which manages the interrupt requests from peripherals and assigns handling priorities. There are
also several exceptions generated by Cortex™-M3 CPU that can return to the Cortex™-M3 as interrupts
after being prioritized with other requests inside the NVIC. In addition to programmable priority interrupts,
there are also three levels of fixed-priority interrupts of which the highest priority, level-3, is given to
M3PORRST and M3SYSRST resets from the Resets block. The next highest priority, level-2, is assigned
to the M3NMIINT, which originates from the NMI block. The M3HRDFLT (Hard Fault) interrupt is assigned
to level-1 priority, and this interrupt is caused by one of the error condition exceptions (Memory
Management, Bus Fault, Usage Fault) escalating to Hard Fault because they are not enabled or not
properly serviced.
The Cortex™-M3 CPU has two low-power modes: Sleep and Deep Sleep.
2.3.2
Cortex™-M3 Core Hardware Logic Built-In Test (LBIST)
The Concerto™ microcontroller Cortex™-M3 CPU core includes a Logic Built-In Self Test (LBIST)
controller for testing the CPU core logic for errors. Tests are initiated by software whenever convenient (at
start-up, idle, and so on), which allows for periodic logic tests to ensure that the CPU core logic is working
correctly. During a test cycle, all interrupts are logged by the LBIST controller and re-issued after the test
cycle completes to ensure that no interrupts are missed. In the event of a logic error, the LBIST controller
generates an NMI on both cores to signal that an error has been detected. This action allows for the
software to gracefully handle any detected logic errors.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com