Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M36P63C2ZWTQ Datasheet(PDF) 25 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 25 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 21Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 22Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 23Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 24Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 25Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 26Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 27Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 28Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
2.3.8
Cortex™-M3 Accessing Shared Resources and Analog Peripherals
There are several memories, digital peripherals, and analog peripherals that can be accessed by both the
Master and Control Subsystems. They are grouped into Shared Resources and the Analog Subsystem.
The Shared Resources include the External Peripheral Interface (EPI), Inter-Processor Communications
(IPC) registers, MTOC Message RAM, CTOM Message RAM, and eight individually configurable Shared
RAM blocks. The RAMs of the Shared Resources block have Parity Error Checking.
The Message RAMs and the Shared RAMs can be accessed by the Cortex™-M3 CPU and µDMA. The
MTOC Message RAM is intended for sending data from the Master Subsystem to the Control Subsystem,
having r/w access for the Cortex™-M3/µDMA and read-only access for the C28x/DMA. The CTOM
Message RAM is intended for sending data from the Control Subsystem to the Master Subsystem, having
r/w access for the C28x/DMA and read-only access for the Cortex™-M3/µDMA.
The IPC registers provide up to 32 handshaking channels to coordinate the transfer of data through the
Message RAMs by polling. Four of these channels are also backed up by four interrupts to PIE on the
Control Subsystem side, and four interrupts to the NVIC on the Master Subsystem side (to reduce delays
associated with polling).
The eight Shared RAM blocks are similar to the Message RAMs, in that the data flow is only one way;
however, the direction of the data flow can be individually set for each block to be from Master to Control
Subsystem or from Control to Master Subsystem.
The Analog Subsystem has ADC1, ADC2, and Analog Comparator peripherals that can be accessed
through the Analog Common Interface Bus. The ADC Result Registers are accessible by CPUs and
DMAs of the Master and Control Subsystems. All other Analog Peripheral Registers are accessible by the
C28x CPU only. The Cortex™-M3 CPU accesses the ACIB through the System Bus, and the µDMA
through the µDMA Bus. The ACIB arbitrates for access to the ADC and Analog Comparator registers
between CPU/DMA bus cycles of the Master Subsystem with those of the Control Subsystem. In addition
to managing bus cycles, the ACIB also transfers End-of-Conversion ADC interrupts to the Master
Subsystem (as well as to the Control Subsystem). The eight EOC sources from ADC1 and the eight EOC
sources from ADC2 are AND-ed together by the ACIB, with the resulting eight ADC interrupts going to
destinations in both the Master Subsystem and the Control Subsystem.
See Section 6.1 for more information on shared resources and analog peripherals.
2.4
Control Subsystem
The Control Subsystem includes the C28x CPU/FPU/VCU, Peripheral Interrupt Expansion (PIE) block,
DMA, C28x Peripherals, and Local Memory. Additionally, the C28x CPU and DMA have access to Shared
Resources: IPC (CPU only), Message RAM, and Shared RAM; and to Analog Peripherals via the Analog
Common Interface Bus.
Figure 2-2 shows the Control Subsystem.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com