Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 26 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 26 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 22Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 23Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 24Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 25Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 26Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 27Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 28Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 29Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
ADF7020
Data Sheet
Rev. D | Page 26 of 48
The procedure typically requires several iterations until an
acceptable compromise is reached. The successful implementation
of a combined LNA/PA matching network for the ADF7020 is
critically dependent on the availability of an accurate electrical
model for the PC board. In this context, the use of a suitable
CAD package is strongly recommended. To avoid this effort,
however, a small form-factor reference design for the ADF7020
is provided, including matching and harmonic filter components.
Gerber files and schematics are available at www.analog.com.
IMAGE REJECTION CALIBRATION
The image channel in the ADF7020 is 400 kHz below the
desired signal. The polyphase filter rejects this image with an
asymmetric frequency response. The image rejection
performance of the receiver is dependent on how well matched
the I and Q signals are in amplitude, and how well matched the
quadrature is between them (that is, how close to 90º apart they
are.) The uncalibrated image rejection performance is
approximately 30 dB. However, it is possible to improve this
performance by as much as 20 dB by finding the optimum I/Q
gain and phase adjust settings.
Calibration Procedure and Setup
The image rejection calibration works by connecting an
external RF signal to the RF input port. The external RF signal
should be set at the image frequency and the filter rejection
measured by monitoring the digital RSSI readback. As the
image rejection is improved by adjusting the I/Q Gain and
phase, the RSSI reading reduces.
The magnitude of the phase adjust is set by using the IR_PHASE_
ADJUST bits (R10_DB[24:27]). This correction can be applied
to either the I channel or Q channel, by toggling bit (R10_DB28).
The magnitude of the I/Q gain is adjusted by the IR_GAIN_
ADJUST bits (R10_DB[16:20]). This correction can be applied
to either the I or Q channel using bit (R10_DB22), while the
GAIN/ATTENUATE bit (R10_DB21) sets whether the gain
adjustment defines a gain or attenuation adjust.
The calibration results are valid over changes in the ADF7020
supply voltage. However, there is some variation with temperature.
A typical plot of variation in image rejection over temperature
after initial calibrations at +25°C, −40°C, and +85°C is shown in
Figure 35. The internal temperature sensor on the ADF7020 can
be used to determine if a new IR calibration is required.
EXTERNAL
SIGNAL
SOURCE
RFIN
RFINB
MATCHING
ADF7020
LNA
4
4
PHASE ADJUSTMENT
Q
I
FROM LO
POLYPHASE
IF FILTER
SERIAL
INTERFACE
PHASE ADJUST
REGISTER 10
RSSI READBACK
GAIN ADJUST
REGISTER 10
RSSI/
LOG AMP
7-BIT ADC
I/Q GAIN/PHASE ADJUST AND
RSSI MEASUREMENT
ALGORITHM
MICROCONTROLLER
Figure 34. Image Rejection Calibration Using the Internal Calibration Source and a Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com