Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 23Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 24Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 25Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 26Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 27Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 28Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 29Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 30Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 27 of 48
0
10
20
30
40
50
60
–60
–40
–20
0
20
40
60
80
100
VDD = 3.0V
IF BW = 25kHz
WANTED SIGNAL:
RF FREQ = 430MHz
MODULATION = 2FSK
DATA RATE = 9.6kbps,
PRBS9
fDEV = 4kHz
LEVEL= –100dBm
INTERFERER SIGNAL:
RF FREQ = 429.8MHz
MODULATION = 2FSK
DATA RATE = 9.6kbps,
PRBS11
fDEV = 4kHz
TEMPERATURE (°C)
CAL AT +25°C
CAL AT +85°C
CAL AT –40°C
Figure 35. Image Rejection Variation with Temperature after Initial
Calibrations at +25°C, −40°C, and +85°C
TRANSMIT PROTOCOL AND CODING
CONSIDERATIONS
PREAMBLE
SYNC
WORD
ID
FIELD
DATA FIELD
CRC
Figure 36. Typical Format of a Transmit Protocol
A dc-free preamble pattern is recommended for FSK/GFSK/
ASK/OOK demodulation. The recommended preamble pattern
is a dc-balanced pattern such as a 10101010… sequence.
Preamble patterns with longer run-length constraints such as
11001100… can also be used. However, this results in a longer
synchronization time of the received bit stream in the receiver.
The remaining fields that follow the preamble header do not
have to use dc-free coding. For these fields, the ADF7020 can
accommodate coding schemes with a run-length of up to
several bytes without any performance degradation, for example
several bytes of 0x00 or 0xFF. To help minimize bit errors when
receiving these long runs of continuous 0s or 1s, it is important
to choose a data rate and XTAL combination that minimizes
the error between the actual data rate and the on-board
CDR_CLK/32. For example, if a 9.6 kbps data rate is desired,
then using an 11.0592 MHz XTAL gives a 0% nominal error
between the desired data rate and CDR_CLK/32. AN-915 gives
more details on supporting long run lengths on the ADF7020.
The ADF7020 can also support Manchester-encoded data for
the entire protocol. Manchester decoding needs to be done on
the companion microcontroller, however. In this case, the
ADF7020 should be set up at the Manchester chip or baud
rate, which is twice the effective data rate.
DEVICE PROGRAMMING AFTER INITIAL
POWER-UP
Table 10 lists the minimum number of writes needed to set up
the ADF7020 in either Tx or Rx mode after CE is brought high.
Additional registers can also be written to tailor the part to a
particular application, such as setting up sync byte detection or
enabling AFC. When going from Tx to Rx or vice versa, the
user needs to write only to the N Register to alter the LO by
200 kHz and to toggle the Tx/Rx bit.
Table 10. Minimum Register Writes Required for Tx/Rx Setup
Mode
Register
Tx
Reg. 0
Reg. 1
Reg. 2
Rx (OOK)
Reg. 0
Reg. 1
Reg. 3
Reg. 4
Reg. 6
Rx (G/FSK)
Reg. 0
Reg. 1
Reg. 3
Reg. 4
Reg. 6
Tx
↔Rx
Reg. 0
Figure 39 and Figure 40 show the recommended programming
sequence and associated timing for power-up from standby mode.
INTERFACING TO MICROCONTROLLER/DSP
Low level device drivers are available for interfacing the
ADF7020 to the Analog Devices ADuC84x analog
microcontrollers, or the Blackfin® ADSP-BF53x DSPs, using the
hardware connections shown in Figure 37 and Figure 38.
MISO
ADuC84x
ADF7020
MOSI
SCLOCK
SS
P3.7
P3.2/INT0
P2.4
P2.5
DATA I/O
DATA CLK
CE
INT/LOCK
SREAD
SLE
P2.6
P2.7
SDATA
SCLK
GPIO
Figure 37. ADuC84x to ADF7020 Connection Diagram
MOSI
ADSP-BF533
ADF7020
MISO
PF5
RSCLK1
DT1PRI
DR1PRI
RFS1
PF6
SDATA
SLE
DATA I/O
INT/LOCK
CE
VDDEXT
GND
VDD
GND
SCK
SCLK
SREAD
DATA CLK
Figure 38. ADSP-BF533 to ADF7020 Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com