Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 32 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 32 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 28Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 29Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 30Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 31Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 32Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 33Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 34Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 35Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ADF7020
Data Sheet
Rev. D | Page 32 of 48
REGISTERS
REGISTER 0—N REGISTER
TR1
TRANSMIT/
RECEIVE
0
TRANSMIT
RECEIVE
1
M3
M2
M1
MUXOUT
0
REGULATOR READY (DEFAULT)
0
R DIVIDER OUTPUT
0
N DIVIDER OUTPUT
0
DIGITAL LOCK DETECT
1
ANALOG LOCK DETECT
1
THREE-STATE
1
PLL TEST MODES
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Σ-Δ TEST MODES
PLE1 PLL ENABLE
0
PLL OFF
1
PLL ON
N8
N7
N6
N5
N4
N3
N2
N1
N COUNTER
DIVIDE RATIO
0
31
0
32
.
.
.
1
253
1
254
1
0
0
.
.
.
1
1
1
0
1
.
.
.
.
.
.
1
1
1
1
0
1
1
1
.
.
.
1
0
1
1
1
.
.
.
1
0
1
1
1
.
.
.
1
0
0
1
1
.
.
.
.
.
.
1
0
1
0
1
255
15-BIT FRACTIONAL-N
8-BIT INTEGER-N
MUXOUT
ADDRESS
BITS
FRACTIONAL
DIVIDE RATIO
0
1
2
.
.
.
32,764
32,765
32,766
32,767
M15
0
0
0
.
.
.
1
1
1
1
M14
0
0
0
.
.
.
1
1
1
1
M13
0
0
0
.
.
.
1
1
1
1
.
.
.
.
.
.
.
.
.
.
.
M3
0
0
0
.
.
.
1
1
1
1
M2
0
0
1
.
.
.
0
0
1
1
M1
0
1
0
.
.
.
0
1
0
1
Figure 43. Register 0—N Register
Register 0—N Register Comments
•
The Tx/Rx bit (R0_DB27) configures the part in Tx or Rx mode and controls the state of the internal Tx/Rx switch.
•
)
2
_
_
(
15
N
Fractional
N
Integer
R
XTAL
fOUT
+
×
=
•
If operating in 433 MHz band, with the VCO Band bit set, the desired frequency, fOUT, should be programmed to be twice the desired
operating frequency, due to removal of the divide-by-2 stage in the feedback path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com