Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 15 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 15 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 11Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 12Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 13Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 14Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 15Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 16Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 17Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 18Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 15 of 48
FREQUENCY SYNTHESIZER
REFERENCE INPUT
The on-board crystal oscillator circuitry (see Figure 19) can use
an inexpensive quartz crystal as the PLL reference. The oscilla-
tor circuit is enabled by setting R1_DB12 high. It is enabled by
default on power-up and is disabled by bringing CE low. Errors
in the crystal can be corrected using the automatic frequency
control (see the AFC section) feature or by adjusting the
fractional-N value (see the N Counter section). A single-ended
reference (TCXO, CXO) can also be used. The CMOS levels
should be applied to OSC2 with R1_DB12 set low.
OSC1
CP1
CP2
OSC2
Figure 19. Oscillator Circuit on the ADF7020
Two parallel resonant capacitors are required for oscillation at
the correct frequency; their values are dependent on the crystal
specification. They should be chosen so that the series value of
capacitance added to the PCB track capacitance adds up to the
load capacitance of the crystal, usually 20 pF. PCB track
capacitance values might vary from 2 pF to 5 pF, depending on
board layout. Thus, CP1 and CP2 can be calculated using:
PCB
L
C
CP2
CP
C
+
+
=
1
1
1
1
Where possible, choose capacitors that have a low temperature
coefficient to ensure stable frequency operation over all
conditions.
CLKOUT Divider and Buffer
The CLKOUT circuit takes the reference clock signal from the
oscillator section, shown in Figure 19, and supplies a divided-
down 50:50 mark-space signal to the CLKOUT pin. An even
divide from 2 to 30 is available. This divide number is set in
R1_DB[8:11]. On power-up, the CLKOUT defaults to
divide-by-8.
DVDD
CLKOUT
ENABLE BIT
CLKOUT
OSC1
DIVIDER
1 TO 15
÷2
Figure 20. CLKOUT Stage
To disable CLKOUT, set the divide number to 0. The output
buffer can drive up to a 20 pF load with a 10% rise time at
4.8 MHz. Faster edges can result in some spurious feedthrough
to the output. A small series resistor (50 Ω) can be used to slow
the clock edges to reduce these spurs at fCLK.
R Counter
The 3-bit R counter divides the reference input frequency by an
integer ranging from 1 to 7. The divided-down signal is
presented as the reference clock to the phase frequency detector
(PFD). The divide ratio is set in Register 1. Maximizing the
PFD frequency reduces the N value. Every doubling of the PFD
gives a 3 dB benefit in phase noise, as well as reducing
occurrences of spurious components. The R register defaults to
R = 1 on power-up.
PFD [Hz] = XTAL/R
MUXOUT and Lock Detect
The MUXOUT pin allows the user to access various digital
points in the ADF7020. The state of MUXOUT is controlled by
Bits R0_DB[29:31].
Regulator Ready
Regulator ready is the default setting on MUXOUT after the
transceiver has been powered up. The power-up time of the
regulator is typically 50 µs. Because the serial interface is
powered from the regulator, the regulator must be at its
nominal voltage before the ADF7020 can be programmed. The
status of the regulator can be monitored at MUXOUT. When
the regulator ready signal on MUXOUT is high, programming
of the ADF7020 can begin.
REGULATOR READY
DIGITAL LOCK DETECT
ANALOG LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
PLL TEST MODES
Σ-Δ TEST MODES
MUX
CONTROL
DGND
DVDD
MUXOUT
Figure 21. MUXOUT Circuit
Digital Lock Detect
Digital lock detect is active high. The lock detect circuit is
located at the PFD. When the phase error on five consecutive
cycles is less than 15 ns, lock detect is set high. Lock detect
remains high until 25 ns phase error is detected at the PFD.
Because no external components are needed for digital lock
detect, it is more widely used than analog lock detect.
Analog Lock Detect
This N-channel open-drain lock detect should be operated with
an external pull-up resistor of 10 kΩ nominal. When a lock has
been detected, this output is high with narrow low going pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com