Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 31 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 31 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 27Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 28Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 29Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 30Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 31Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 32Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 33Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 34Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 31 of 48
SERIAL INTERFACE
The serial interface allows the user to program the fourteen
32-bit registers using a 3-wire interface (SCLK, SDATA, and
SLE). Signals should be CMOS compatible. The serial interface
is powered by the regulator and, therefore, is inactive when
CE is low.
Data is clocked into the register, MSB first, on the rising edge
of each clock (SCLK). Data is transferred to one of fourteen
latches on the rising edge of SLE. The destination latch is
determined by the value of the four control bits (C4 to C1).
These are the bottom four LSBs, DB3 to DB0, as shown in the
timing diagram in Figure 3.
READBACK FORMAT
The readback operation is initiated by writing a valid control
word to the readback register and setting the readback enable
bit (R7_DB8 = 1). The readback can begin after the control
word has been latched with the SLE signal. SLE must be kept
high while the data is being read out. Each active edge at the
SCLK pin clocks the readback word out successively at the
SREAD pin (see Figure 42), starting with the MSB first. The
data appearing at the first clock cycle following the latch
operation must be ignored. The last (eighteenth) SCLK edge
puts the SREAD pin back in three-state.
AFC Readback
The AFC readback is valid only during the reception of FSK
signals with either the linear or correlator demodulator active.
The AFC readback value is formatted as a signed 16-bit integer
comprising Bit RV1 to Bit RV16 and is scaled according to the
following formula:
FREQ_RB [Hz] = (AFC_READBACK × DEMOD_CLK)/215
In the absence of frequency errors, the FREQ_RB value is equal
to the IF frequency of 200 kHz. Note that, for the AFC readback
to yield a valid result, the down-converted input signal must not
fall outside the bandwidth of the analog IF filter. At low input
signal levels, the variation in the readback value can be improved
by averaging.
RSSI Readback
The RSSI readback operation yields valid results in Rx mode
with ASK or FSK signals. The format of the readback word is
shown in Figure 42. It comprises the RSSI level information
(Bit RV1 to Bit RV7), the current filter gain (FG1, FG2), and the
current LNA gain (LG1, LG2) setting. The filter and LNA gain
are coded in accordance with the definitions in Register 9. With
the reception of ASK modulated signals, averaging of the
measured RSSI values improves accuracy. The input power can
be calculated from the RSSI readback value as outlined in the
RSSI/AGC section.
Battery Voltage/ADCIN/Temperature Sensor Readback
These three ADC readback values are valid by just enabling the
ADC in Register 8 without writing to the other registers. The
battery voltage is measured at Pin VDD4. The readback
information is contained in Bit RV1 to Bit RV7. This also
applies for the readback of the voltage at the ADCIN pin and
the temperature sensor. From the readback information, the
battery, ADCIN voltage or temperature can be obtained using
VBATTERY = (Battery_Voltage_Readback)/21.1
VADCIN = (ADCIN_Voltage_Readback)/42.1
Temperature =
−40°C + (68.4 − Temperature_Sensor_Readback) × 9.32
Silicon Revision Readback
The silicon revision word is coded with four quartets in BCD
format. The product code (PC) is coded with three quartets
extending from Bit RV5 to Bit RV16. The revision code (RV) is
coded with one quartet extending from Bit RV1 to Bit RV4. The
product code for the ADF7020 should read back as PC = 0x200.
The current revision code should read as RV = 0x8.
Filter Calibration Readback
The filter calibration readback word is contained in Bit RV1 to
Bit RV8 and is for diagnostic purposes only. Using the automatic
filter calibration function, accessible through Register 6, is
recommended. Before filter calibration is initiated, decimal 32
should be read back as the default value.
READBACK MODE
AFC READBACK
DB15
RV16
X
X
RV16
0
RSSI READBACK
BATTERY VOLTAGE/ADCIN/
TEMP. SENSOR READBACK
SILICON REVISION
FILTER CAL READBACK
READBACK VALUE
DB14
RV15
X
X
RV15
0
DB13
RV14
X
X
RV14
0
DB12
RV13
X
X
RV13
0
DB11
RV12
X
X
RV12
0
DB10
RV11
LG2
X
RV11
0
DB9
RV10
LG1
X
RV10
0
DB8
RV9
FG2
X
RV9
0
DB7
RV8
FG1
X
RV8
RV8
DB6
RV7
RV7
RV7
RV7
RV7
DB5
RV6
RV6
RV6
RV6
RV6
DB4
RV5
RV5
RV5
RV5
RV5
DB3
RV4
RV4
RV4
RV4
RV4
DB2
RV3
RV3
RV3
RV3
RV3
DB1
RV2
RV2
RV2
RV2
RV2
DB0
RV1
RV1
RV1
RV1
RV1
Figure 42. Readback Value Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com