Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 33 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 33 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 29Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 30Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 31Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 32Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 33Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 34Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 35Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 36Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 33 of 48
REGISTER 1—OSCILLATOR/FILTER REGISTER
R3
R2
R1
RF R COUNTER
DIVIDE RATIO
0
0
.
.
.
1
1
2
.
.
.
7
1
0
.
.
.
1
0
1
.
.
.
1
X1 XTAL OSC
0
OFF
1
ON
VA2
VA1
FREQUENCY
OF OPERATION
0
850 TO 920
0
860 TO 930
1
870 TO 940
1
0
1
0
1
880 TO 950
D1
XTAL
DOUBLER
0
DISABLE
ENABLED
1
V1
VCO Band
(MHz)
0
862 TO 956
1
431 TO 478
CP2
CP1
ICP (mA)
0
0
0.3
0
1
0.9
1
0
1.5
1
1
2.1
VB4
VB3
VB2
VB1
VCO BIAS
CURRENT
0
0.375mA
0
0.625mA
.
1
1
0
.
1
0
1
.
1
0
0
0.125mA
0
0
0
0
.
1
3.875mA
IR2 IR1
FILTER
BANDWIDTH
0
100kHz
0
150kHz
1
200kHz
1
0
1
0
1
NOT USED
CL4
CL3
CL2
CL1
CLKOUT
DIVIDE RATIO
0
OFF
0
0
.
.
.
1
0
1
0
.
.
.
1
2
4
.
.
.
0
0
1
.
.
.
1
0
0
0
.
.
.
1
30
VCO BIAS
CLOCKOUT
DIVIDE
ADDRESS
BITS
R COUNTER
Figure 44. Register 1—Oscillator/Filter Register
Register 1—Oscillator/Filter Register Comments
•
The VCO Adjust Bits R1_DB[20:21] should be set to 0 for operation in the 862 MHz to 870 MHz band and set to 3 for operation in
the 902 MHz to 928 MHz band.
•
The VCO bias setting should be 0xA for operation in the 862 MHz to 870 MHz and 902 MHz to 928 MHz bands. All VCO gain
numbers are specified for these VCO Adjust and Bias settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com