Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 47 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 47 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 40Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 41Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 42Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 43Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 44Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 45Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 46Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 47Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 47 of 48
OUTLINE DIMENSIONS
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
7.00
BSC SQ
48
13
24
25
36
37
12
EXPOSED
PAD
PIN 1
INDICATOR
4.25
4.10 SQ
3.95
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 MIN
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
Figure 59. 48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
7 mm × 7 mm Body, Very Very Thin Quad
(CP-48-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
ADF7020BCPZ
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-48-5
ADF7020BCPZ-RL
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-48-5
EVAL-ADF70xxMBZ
Control Mother Board
EVAL-ADF70xxMBZ2
Evaluation Platform
EVAL-ADF7020DBZ1
902 MHz to 928 MHz Daughter Board
EVAL-ADF7020DBZ2
860 MHz to 870 MHz Daughter Board
EVAL-ADF7020DBZ3
430 MHz to 445 MHz Daughter Board
1 Z = RoHS Compliant Part.
2 Formerly CP-48-3 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com