Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 34 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 34 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 30Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 31Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 32Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 33Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 34Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 35Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 36Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 37Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
ADF7020
Data Sheet
Rev. D | Page 34 of 48
REGISTER 2—TRANSMIT MODULATION REGISTER (ASK/OOK MODE)
P6
0
0
0
0
.
.
1
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
P2
X
0
0
1
.
.
1
P1
X
0
1
0
.
.
1
POWER AMPLIFIER OUTPUT HIGH LEVEL
PA OFF
–16.0dBm
–16 + 0.45dBm
–16 + 0.90dBm
.
.
13dBm
D6
X
0
0
0
0
.
.
1
.
.
.
.
.
.
.
.
.
D5
X
X
0
0
.
.
.
1
D2
X
X
0
0
1
.
.
1
D1
X
X
0
1
0
.
.
1
POWER AMPLIFIER OUTPUT LOW LEVEL
OOK MODE
PA OFF
–16.0dBm
–16 + 0.45dBm
–16 + 0.90dBm
.
.
13dBm
DI1
0
1
TxDATA
TxDATA
MODULATION PARAMETER
POWER AMPLIFIER
GFSK MOD
CONTROL
PA BIAS
MODULATION
SCHEME
ADDRESS
BITS
PE1
0
1
POWER AMPLIFIER
OFF
ON
MP1
0
1
MUTE PA UNTIL
LOCK DETECT HIGH
OFF
ON
PA2
0
0
1
1
PA1
0
1
0
1
PA BIAS
5µA
7µA
9µA
11µA
IC2
X
IC1
X
MC3
X
MC2
X
MC1
X
S3
0
0
0
0
1
S2
0
0
1
1
1
MODULATION SCHEME
FSK
GFSK
ASK
OOK
GOOK
S1
0
1
0
1
1
Figure 45. Register 2—Transmit Modulation Register (ASK/OOK Mode)
Register 2—Transmit Modulation Register (ASK/OOK Mode) Comments
•
See the Transmitter section for a description of how the PA bias affects the power amplifier level. The default level is 9 µA.
If maximum power is needed, program this value to 11 µA.
•
See Figure 13.
•
D7, D8, and D9 are don’t care bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com