Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 25 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 25 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 21Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 22Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 23Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 24Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 25Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 26Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 27Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 28Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 25 of 48
APPLICATIONS INFORMATION
LNA/PA MATCHING
The ADF7020 exhibits optimum performance in terms of
sensitivity, transmit power, and current consumption only if its
RF input and output ports are properly matched to the antenna
impedance. For cost-sensitive applications, the ADF7020 is
equipped with an internal Rx/Tx switch that facilitates the use
of a simple combined passive PA/LNA matching network.
Alternatively, an external Rx/Tx switch, such as the Analog
Devices ADG919, can be used. It yields a slightly improved
receiver sensitivity and lower transmitter power consumption.
External Rx/Tx Switch
Figure 32 shows a configuration using an external Rx/Tx switch.
This configuration allows an independent optimization of the
matching and filter network in the transmit and receive path
and is, therefore, more flexible and less difficult to design than
the configuration using the internal Rx/Tx switch. The PA is
biased through Inductor L1, while C1 blocks dc current. Both
elements, L1 and C1, also form the matching network, which
transforms the source impedance into the optimum PA load
impedance, ZOPT_PA.
PA
LNA
PA_OUT
RFIN
RFINB
VBAT
L1
ADF7020
ADG919
OPTIONAL
BPF
(SAW)
OPTIONAL
LPF
LA
CA
C1
CB
ZIN_RFIN
ZOPT_PA
ZIN_RFIN
ANTENNA
Rx/Tx – SELECT
Figure 32. ADF7020 with External Rx/Tx Switch
ZOPT_PA depends on various factors, such as the required
output power, the frequency range, the supply voltage range,
and the temperature range. Selecting an appropriate ZOPT_PA
helps to minimize the Tx current consumption in the
application. Application Note AN-767 contains a number of
ZOPT_PA values for representative conditions. Under certain
conditions, however, it is recommended that a suitable ZOPT_PA
value be obtained by means of a load-pull measurement.
Due to the differential LNA input, the LNA matching network
must be designed to provide both a single-ended-to-differential
conversion and a complex conjugate impedance match. The
network with the lowest component count that can satisfy these
requirements is the configuration shown in Figure 32, which
consists of two capacitors and one inductor.
A first-order implementation of the matching network can be
obtained by understanding the arrangement as two L type
matching networks in a back-to-back configuration. Due to the
asymmetry of the network with respect to ground, a compromise
between the input reflection coefficient and the maximum
differential signal swing at the LNA input must be established.
The use of appropriate CAD software is strongly recommended
for this optimization.
Depending on the antenna configuration, the user may need a
harmonic filter at the PA output to satisfy the spurious emission
requirement of the applicable government regulations. The
harmonic filter can be implemented in various ways, such as a
discrete LC pi or T-stage filter. Dielectric low-pass filter compo-
nents, such as the LFL18924MTC1A052 (for operation in the
915 MHz and 868 MHz band) by Murata Manufacturing, Co.,
Ltd., represent an attractive alternative to discrete designs.
AN-917 describes how to replace the Murata dielectric filter
with an LC filter if desired.
The immunity of the ADF7020 to strong out-of-band interference
can be improved by adding a band-pass filter in the Rx path.
Apart from discrete designs, SAW or dielectric filter components,
such as the SAFCH869MAM0T00 or SAFCH915MAL0N00,
both by Murata, are well suited for this purpose. Alternatively,
the ADF7020 blocking performance can be improved by
selecting the high linearity mode, as described in Table 5.
Internal Rx/Tx Switch
Figure 33 shows the ADF7020 in a configuration where the
internal Rx/Tx switch is used with a combined LNA/PA
matching network. This is the configuration used in the
ADF7020-XDBX evaluation boards. For most applications, the
slight performance degradation of 1 dB to 2 dB caused by the
internal Rx/Tx switch is acceptable, allowing the user to take
advantage of the cost saving potential of this solution. The
design of the combined matching network must compensate for
the reactance presented by the networks in the Tx and the Rx
paths, taking the state of the Rx/Tx switch into consideration.
PA
LNA
PA_OUT
RFIN
RFINB
VBAT
L1
ADF7020
OPTIONAL
BPF OR LPF
LA
CA
C1
CB
ZIN_RFIN
ZOPT_PA
ZIN_RFIN
ANTENNA
Figure 33. ADF7020 with Internal Rx/Tx Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com