Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7020DBZ2 Datasheet(PDF) 37 Page - Analog Devices

Part # EVAL-ADF7020DBZ2
Description  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 33Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 34Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 35Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 36Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 37Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 38Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 39Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 40Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 37 of 48
REGISTER 3—RECEIVER CLOCK REGISTER
FS8
0
0
.
1
1
FS7
0
0
.
1
1
FS3
0
0
.
1
1
.
.
.
.
.
.
FS2
0
1
.
1
1
FS1
1
0
.
0
1
CDR_CLK_DIVIDE
1
2
.
254
255
BK2
0
0
1
BK1
0
1
x
BBOS_CLK_DIVIDE
4
8
16
SK8
0
0
.
1
1
SK7
0
0
.
1
1
SK3
0
0
.
1
1
.
.
.
.
.
.
SK2
0
1
.
1
1
SK1
1
0
.
0
1
SEQ_CLK_DIVIDE
1
2
.
254
255
OK2
0
0
1
1
OK1
0
1
0
1
DEMOD_CLK_DIVIDE
4
1
2
3
SEQUENCER CLOCK DIVIDE
CDR CLOCK DIVIDE
ADDRESS
BITS
Figure 48. Register 3—Receiver Clock Register
Register 3—Receiver Clock Register Comments
•
Baseband offset clock frequency (BBOS_CLK) must be greater than 1 MHz and less than 2 MHz, where
DIVIDE
CLK
BBOS
XTAL
CLK
BBOS
_
_
_
=
•
The demodulator clock (DEMOD_CLK) must be <12 MHz for FSK and <6 MHz for ASK, where
DIVIDE
CLK
DEMOD
XTAL
CLK
DEMOD
_
_
_
=
•
Data/clock recovery frequency (CDR_CLK) should be within 2% of (32 × data rate), where
DIVIDE
CLK
CDR
CLK
DEMOD
CLK
CDR
_
_
_
_
=
Note that this can affect your choice of XTAL, depending on the desired data rate.
•
The sequencer clock (SEQ_CLK) supplies the clock to the digital receive block. It should be close to 100 kHz for FSK and close to
40 kHz for ASK.
DIVIDE
CLK
SEQ
XTAL
CLK
SEQ
_
_
_
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com