Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 19Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 20Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 21Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 22Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 23Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 24Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 25Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 26Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 23
MRF49XA
REGISTER 2-4:
TXCREG: TRANSMIT CONFIGURATION REGISTER (POR: 0x9800)
W-1
W-0
W-0
W-1
W-1
W-0
W-0
W-0
CCB<15:9>
MODPLY
bit 15
bit 8
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
MODBW<3:0>
r
OTXPWR<2:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
CCB<15:9>: Command Code bits
The command code bits (1001100b) are serially sent to the microcontroller to identify the bits to be
written in the TXCREG.
bit 8
MODPLY: Modulation Polarity bit (for FSK)
When MODPLY is configured as high/low:
1 = Logic ‘0’ is the higher channel frequency and logic ‘1’ is the lower channel frequency (negative
deviation)
0 = Logic ‘0’ is the lower channel frequency and logic ‘1’ is the higher channel frequency (positive
deviation)
bit 7-4
MODBW<3:0>: Modulation Bandwidth bits
These bits set the FSK frequency deviation for transmitting the logic ‘1’ and logic ‘0’(1).
1111 = 240 kHz
1110 = 225 kHz
1101 = 210 kHz
1100 = 195 kHz
1011 = 180 kHz
1010 = 165 kHz
1001 = 150 kHz
1000 = 135 kHz
0111 = 120 kHz
0110 = 105 kHz
0101 = 90 kHz
0100 = 75 kHz
0011 = 60 kHz
0010 = 45 kHz
0001 = 30 kHz
0000 = 15 kHz
bit 3
Reserved: Write as ‘0’
Note 1: The transmitter FSK modulation parameters are used for calculating the resulting output frequency, as
shown in Equation 2-1.
2: The output transmit power range is relative to the maximum available power, which depends on the actual
antenna impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com