Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 40 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 40 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 36Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 37Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 38Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 39Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 40Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 41Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 42Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 43Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
MRF49XA
DS70590C-page 40
Preliminary
© 2009-2011 Microchip Technology Inc.
EQUATION 2-9:
REGISTER 2-16:
BCSREG: BATTERY THRESHOLD DETECT AND CLOCK OUTPUT VALUE SET
REGISTER (POR: 0xC000)
W-1
W-1
W-0
W-0
W-0
W-0
W-0
W-0
CCB<15:8>
bit 15
bit 8
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
COFSB<2:0>
r
LBDVB<3:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (11000000b) are serially sent to the microcontroller to identify the bits to be
written in the BCSREG.
bit 7-5
COFSB<2:0>: Clock Output Frequency Set bits
These bits set the output clock frequency which can be used to run an external host microcontroller.
111 = 10 MHz
110 = 5 MHz
101 = 3.33 MHz
100 = 2.5 MHz
011 = 2 MHz
010 = 1.66 MHz
001 = 1.25 MHz
000 = 1 MHz
bit 4
Reserved: Write as ‘0’
bit 3-0
LBDVB<3:0>: Low Battery Detect Value bits
These bits set the decimal value to calculate the battery detect threshold voltage level(1,2).
Note 1:
When the battery level goes down by 50 mV below this value, the LBTD bit (STSREG<10>) is set, indicating
that the battery level is below the programmed threshold. This is useful in monitoring discharge-sensitive
batteries, such as Lithium cells. The low battery detect can be enabled by setting the LBDEN bit
(PMCREG<2>) and can be disabled by clearing the bit.
2: The low battery threshold value is programmable from 2.2V – 3.8V by using Equation 2-9.
Threshold Voltage Value = 2.25 +[0.1 x (LBDVB<3:0>)]
where:
LBDVB<3:0> is the Decimal Value from 0 to 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com