Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 77 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 77 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 73Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 74Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 75Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 76Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 77Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 78Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 79Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 80Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 77
MRF49XA
4.5.2
BILL OF MATERIALS
TABLE 4-2:
MRF49XA: 433 MHz BILL OF MATERIALS
Designator
Value
Description
Manufacturer
Manufacturer PN
C1
200 pF
Capacitor, Ceramic, 50V, C0G,
SMT 0603
Murata
GRM1885C1H201JA01D
C5
2.7 pF
Capacitor, Ceramic, 50V, C0G,
SMT 0603
Murata
GRM1885C1H2R7CZ01D
C6
68 pF
Capacitor, Ceramic, 50V, C0G,
SMT 0603
Murata
GRM1885C1H680JA01D
C7
5.1 pF
Capacitor, Ceramic, 50V, C0G,
SMT 0603
Murata
GRM1885C1H5R1DZ01D
L1
390 nH
Inductor, Ceramic, 5%, SMT 0603
Murata
LQW18ANR39J00D
L2
33 nH
Inductor, Multilayer, 5%, SMT 0603
TDK Corporation MLG1608B33NJ
L3
47 nH
Inductor, Multilayer, 5%, SMT 0603
TDK Corporation MLG1608B47NJ
C4
1000 pF
Capacitor, Ceramic, 50V, 10%,
SMT 0603, X7R
Murata
GRM188R71H102KA01D
C2
10000 pF
Capacitor, Ceramic, 50V, 10%,
SMT 0603, X7R
Murata
GRM188R71H103KA01D
C3
2.2
μF, 10V Capacitor, Tantalum, 10%,
SMT 3216-18 (A)
Kemet
T491A225K010AT
U1
—
MRF49XA Transceiver
Microchip
MRF49XA-I/ST
X1
10 MHz
Crystal, ±10 ppm, 10 pF,
SMT 5 x 3.2 mm
Abracon
ABM3B-10.000MHZ-12-R8
0-B-1-U-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com