Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 45 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 45 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 41Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 42Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 43Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 44Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 45Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 46Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 47Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 48Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 45
MRF49XA
FIGURE 3-3:
SENSITIVE RESET DISABLED
3.1.3
SOFTWARE RESET
The Software Reset is initiated using the host
microcontroller. The 0xFE00 command triggers this
Reset only if the Sensitive Reset mode is enabled. The
hardware automatically clears the bit(s) to their
power-on state. The Software Reset command is the
same as POR, but the duration of the Reset event is
much less than the actual POR (0.25 ms, typical).
3.1.4
RESET PIN
The MRF49XA has an open-drain Reset output with an
internal pull-up and input buffer (active-low). The host
microcontroller resets the MRF49XA by asserting the
RESET pin to low (see Figure 3-4). All control registers
are reset to their POR values. The RESET pin consists
of an internal weak pull-up resistor. In order to allow the
RF circuitry to start-up and get stabilized, a delay of
around 0.25 ms is recommended for accessing the
MRF49XA after a hardware Reset.
FIGURE 3-4:
RESET PIN INTERNAL
CONNECTION
The registers associated with Reset are:
•STSREG (see Register 2-1)
• FIFORSTREG (see Register 2-10)
• WTSREG (see Register 2-14)
250 mV
H
L
Reset Threshold
Voltage (600 mV)
Reset Ramp Line
(100 mV/ms)
Time
VDD
RESET
Output
(Pin 10)
RESET
Pin
N
VSS
VDD
100k
10k
To Internal
Reset Logic
From POR
Circuit
To M CU Reset
(Input/Output*)
* These pins can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com