Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF49XAT-I/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 10Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 11Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 12Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 13Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 14Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 15Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 16Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 17Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
MRF49XA
DS70590C-page 14
Preliminary
© 2009-2011 Microchip Technology Inc.
2.5
RFXTL/EXTREF and CLKOUT Pins
The MRF49XA has an internal, integrated crystal
oscillator circuit, and therefore, a single RFXTL/EXTREF
pin is used as a crystal oscillator. The crystal oscillator
circuit, with internal loading capacitors, provides a
10 MHz reference signal for the PLL. The PLL, in turn,
generates the local oscillator frequency. It is possible to
“pull” the crystal to the accurate frequency by changing
the load capacitor value. This reduces the external
component count and simplifies the design. The crystal
load capacitor is programmable from 8.5 pF–16 pF in 0.5
pF steps. Thus, the crystal oscillator circuit can accept a
wide range of crystals from different manufacturers with
different load capacitance requirements. The ability to
vary the load capacitance also helps in fine tuning the
final carrier frequency as the crystal itself is the PLL
reference for the carrier. An external reference input,
such as an oscillator, can be connected as a reference
source. The oscillator can be connected through a 0.01
μF capacitor. Choosing better crystal results in a lesser
TX to RX frequency offset and smaller deviation in
BBBW. Hence, the recommended crystal accuracy
should be ≤40 ppm. Deviation and BBBW are discussed
in detail in Section 2.8, Baseband/Data Filters. The
guidelines for selecting the appropriate crystal are
explained in Section 3.6, Crystal Selection Guidelines.
The transceiver can provide a clock signal through the
Clock Output (CLKOUT) pin to the microcontroller for
accurate timing, and thus, eliminating the need for a
second crystal. This also results in reducing the
component count.
2.6
Phase-Locked Loop
The PLL circuitry determines the operating frequency
of the device. This programmable PLL synthesizer
requires only a single 10 MHz crystal reference source.
The PLL maintains accuracy using the on-chip crystal
controlled reference oscillator and provides maximum
flexibility in performance to the designers. It is possible
to change the crystal to the accurate frequency by
changing the load capacitor value. The RF stability can
be controlled by selecting a crystal with specifications
which satisfy the application and by providing the
functions required to generate the carriers, and by
tuning each of the bands. For more details, see
Section 3.6, Crystal Selection Guidelines. The PLL’s
high resolution allows the use of multiple channels in
any of the bands. The on-chip PLL is able to perform
manual and automatic calibration to compensate for
the changes in temperature or operating voltage.
2.7
Automatic Frequency Control
The PLL in MRF49XA is capable of performing
automatic fine adjustment for the carrier frequency by
using an integrated AFC feature. The receiver uses the
AFC feature to minimize the frequency offset between
the TX/RX signals in discrete steps, which gives the
advantage of:
• Narrower receiver bandwidth for increased
sensitivity can be achieved
• Higher data rates can be achieved
• Usability of any locally available, low-accuracy
and inexpensive crystals can be used
The MRF49XA can be programmed to automatically
control the frequency or can be manually activated by
a strobe signal.
2.8
Baseband/Data Filters
The BBFs are user-programmable. The receiver
bandwidth can be set by programming the bandwidth of
the BBFs. The receiver, when programmed, is set up
according to the characteristics of the signal to be
received. The baseband receiver has several
programming options to optimize the communication
for a variety of applications. The programmable
functions are as follows:
• Baseband Analog Filter
• Baseband Digital Filter
• Receive Bandwidth
• Receive Data Rate
• Clock Recovery
The output data filtering can be performed using either
an external capacitor or a digital filter based on the user
application.
The
RCLKOUT/FCAP/FINT
pin
in
MRF49XA provides the raw baseband data if
configured as a configuration filter. It can be used by
the host microcontroller to perform the data recovery.
2.9
Clock Recovery Circuit
The Clock Recovery Circuit (CLKRC) is used to render
a synchronized clock source to recover the data using
an external microcontroller. The CLKRC works by
sampling the preamble on the received data. The
preamble contains a sequence of 1 and 0 for the
CLKRC to properly extract the data timing. In Slow
mode, the CLKRC requires more sampling (12–16
bits), and hence, has a longer settling time before
locking. In Fast mode, it uses less samples (6–8 bits)
before locking, and thereby, the settling time is short
which makes timing accuracy less critical. The
RCLKOUT/FCAP/FINT
pin
provides
the
clock
recovered from the incoming data if the baseband filter
is configured as a digital filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com